ATS-18F-82-C3-R0
AI

The **ATS-18F-82-C3-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by *Advanced Thermal Solutions (ATS)*. It belongs to the **maxiFLOW™** series, designed for high-efficiency cooling of surface-mount components like CPUs, GPUs, or FPGAs.
---
### 1. Technical Specifications
Below are the primary physical and thermal characteristics of the part:
| Parameter | Specification |
| :--- | :--- |
| **Material** | Aluminum (Blue Anodized) |
| **Attachment Method** | pushPIN™ (Spring-loaded pins) |
| **Dimension (Length x Width)** | 30mm x 30mm |
| **Height** | 25mm |
| **Thermal Resistance** | 2.52 °C/W @ 200 LFM |
| **Airflow Path** | High-performance spread fin pattern |
---
### 2. Design Breakdown
The "electronic parts" of this assembly include more than just the metal block. The full assembly consists of:
* **The Heat Sink Body:** Features a "flared fin" design. Unlike standard straight fins, these spread outwards to maximize surface area and improve the intake of airflow from various angles.
* **The Interface Material (TIM):** This specific model typically comes pre-applied with **T412**, a high-performance thermal interface material (thermal tape/pad) that ensures no air gaps exist between the heat sink and the electronic chip.
* **pushPIN™ Fasteners:** These are the mechanical components that secure the heat sink to the PCB. They use a stainless steel or plastic pin with a compression spring to provide precise, consistent pressure on the electronic component.
---
### 3. Part Number Decoder
Understanding the "electronic part" nomenclature helps in identifying its specific application:
| Segment | Meaning |
| :--- | :--- |
| **ATS** | Manufacturer (Advanced Thermal Solutions) |
| **18F** | maxiFLOW™ Series (Specific fin geometry) |
| **82** | Specific mechanical/footprint code |
| **C3** | Thermal Interface Material (TIM) type / Performance Grade |
| **R0** | Revision code (typically RoHS compliant) |
---
### 4. Typical Applications
This part is commonly used in high-density electronic environments such as:
1. **Telecommunications:** High-speed routers and switches.
2. **Computing:** Cooling of secondary processors or VRMs.
3. **Industrial:** Power supplies and motor controllers where vertical space allows for a 25mm height.
- ⤷
What are the advantages of pushPIN™ fasteners over traditional adhesive thermal tape?
- ⤷ How does the 'flared fin' design compare to standard straight fin heat sinks?
- ⤷ Is this heat sink compatible with standard 30x30mm BGA chipsets?