ATS-18F-88-C2-R0
AI

## Technical Overview: ATS-18F-88-C2-R0
The **ATS-18F-88-C2-R0** is a high-performance heat sink manufactured by **Advanced Thermal Solutions (ATS)**. It is specifically designed as a thermal management solution for electronic components that generate significant heat, such as CPUs, GPUs, or high-power transistors.
---
### 1. Key Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Series** | pushPIN™ |
| **Attachment Type** | Push Pin |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Dimensions (L x W x H)** | 35.00mm x 35.00mm x 25.00mm |
| **Thermal Resistance** | 6.67°C/W (at 100 LFM) |
| **Fin Pattern** | Fine Pitch (straight fins) |
---
### 2. Design and Component Breakdown
#### A. The pushPIN™ Attachment System
The part uses a specialized **pushPIN™** mechanism. This is a spring-loaded attachment that ensures consistent pressure (clamping force) across the component surface, which optimizes the thermal interface material (TIM) performance.
#### B. Material and Coating
* **Aluminum Body:** Provides a balance between high thermal conductivity and low weight.
* **Blue Anodized Finish:** Not only provides corrosion resistance but also slightly increases surface emissivity for better radiant heat transfer.
#### C. Thermal Performance
The efficiency of this part is measured by its thermal resistance ($^\circ\text{C/W}$). The lower the number, the better the heat dissipation.
* **100 LFM (Linear Feet per Minute):** 6.67 $^\circ\text{C/W}$
* **400 LFM:** 2.22 $^\circ\text{C/W}$
* **700 LFM:** 1.59 $^\circ\text{C/W}$
---
### 3. Part Number Decoding (Nomenclature)
The part number can be broken down to understand its configuration:
| Segment | Meaning |
| :--- | :--- |
| **ATS** | Advanced Thermal Solutions (Brand) |
| **18** | Series number |
| **F** | Fin pitch style (Fine) |
| **88** | Specific dimension/fin layout identifier |
| **C2** | Thermal Interface Material (includes T766 phase-change material) |
| **R0** | RoHS Compliant / Revision code |
---
### 4. Application Usage
This heat sink is typically used in:
1. **Telecommunications:** High-speed routers and switches.
2. **Industrial Controls:** Power modules and motor drives.
3. **Embedded Computing:** Small form-factor motherboards where vertical space allows for a 25mm height.
- ⤷
What are the mounting hole requirements for the pushPIN system used in this heat sink?
- ⤷ How does the T766 thermal interface material compare to standard thermal grease?
- ⤷ Is there a low-profile version of the ATS-18F-88 for tight height constraints?