Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • ATS-18G-08-C2-R0

  • AI
    The **ATS-18G-08-C2-R0** is a specific electronic cooling component manufactured by **Advanced Thermal Solutions (ATS)**. It is a high-performance heat sink belonging to the **maxiFLOW™** series, designed for effective thermal management of electronic components. --- ### 1. Technical Specifications The following table outlines the physical and thermal properties of the component: | Feature | Specification | | :--- | :--- | | **Manufacturer** | Advanced Thermal Solutions (ATS) | | **Series** | maxiFLOW™ | | **Heat Sink Type** | Top Mount | | **Material** | Aluminum (Anodized Blue) | | **Attachment Method** | pushPIN™ | | **Dimensions (L x W)** | 36.83 mm x 36.83 mm | | **Height (H)** | 7.62 mm | | **Thermal Resistance** | ~11.51 °C/W (at 100 LFM) | | **Flow Direction** | Directional (High spread fin pattern) | --- ### 2. Key Electronic Features #### A. Thermal Management Electronic parts like CPUs, GPUs, or ASICs generate heat that can degrade performance or cause failure. The **ATS-18G-08-C2-R0** uses a "flared fin" design. Unlike straight-fin heat sinks, these fins spread outward to increase surface area and enhance air intake, which significantly reduces the thermal resistance between the component and the ambient air. #### B. pushPIN™ Attachment System This part uses a specific mechanical attachment method: * **Secure Connection:** Uses a brass or plastic pin with a stainless steel spring to provide a precise amount of pressure (load) on the electronic chip. * **Reliability:** Ensures consistent contact with the Thermal Interface Material (TIM), which is crucial for heat transfer in high-vibration environments. #### C. Material and Coating * **Aluminum 6063:** Chosen for its excellent thermal conductivity and lightweight properties. * **Blue Anodized Finish:** This is not just for aesthetics; the anodization layer provides corrosion resistance and increases surface emissivity, slightly improving radiant heat transfer. --- ### 3. Application Use Cases This specific heat sink is typically used in the following electronic assemblies: 1. **Telecommunications:** High-speed routers and switches. 2. **Embedded Systems:** Industrial PCs and controllers. 3. **Power Electronics:** Voltage regulators and power modules that require compact cooling.
    ✨ Follow-up Questions
    • ⤷ What are the different pushPIN attachment options for this series?
    • ⤷ How does the flared fin design compare to a standard straight fin in terms of airflow?
    • ⤷ What type of Thermal Interface Material is recommended for the ATS-18G-08-C2-R0?