ATS-18G-41-C2-R0
AI

The **ATS-18G-41-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It is part of the "push pin" series designed for cooling integrated circuits (ICs) and other electronic components.
---
### 1. Key Technical Specifications
| Parameter | Specification |
|:---|:---|
| **Manufacturer** | Advanced Thermal Solutions Inc. (ATS) |
| **Series** | pushPIN™ |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Fin Type** | Fine Pitch (straight fins) |
| **Thermal Resistance** | 10.02°C/W (at 100 LFM) |
| **Attachment Method** | Push Pin (Spring-loaded) |
---
### 2. Physical Dimensions
Precision sizing is critical for ensuring the heat sink fits within the footprint of the PCB without interfering with neighboring components.
* **Length:** 40.00 mm
* **Width:** 40.00 mm
* **Height:** 20.00 mm (Distance from the base to the top of the fins)
* **Pitch/Spacing:** Designed for 45.00 mm hole spacing on the PCB.
---
### 3. Electronic Design Features
#### A. Thermal Interface Material (TIM)
The part comes pre-applied with **ATS-PPS-07**, a high-performance thermal interface material. This ensures maximum heat transfer between the electronic component (CPU, FPGA, or GPU) and the aluminum base by filling microscopic air gaps.
#### B. Attachment Mechanism
Instead of messy adhesives or simple clips, this model uses a **push pin and brass spring** system:
* **Reliability:** Provides consistent pressure across the component surface.
* **Ease of Assembly:** Features pre-drilled holes for rapid installation on a PCB.
* **Security:** Prevents the heat sink from shifting during mechanical shock or vibration.
#### C. Airflow Optimization
The "Fine Pitch" fin design is optimized for systems with forced air cooling (fans). The 20mm height offers a balance between surface area for heat dissipation and low profile for compact electronic enclosures.
---
### 4. Typical Applications
This part is commonly used in the following electronic environments:
1. **Telecommunications:** Cooling line cards and routers.
2. **Embedded Systems:** Industrial PCs and automation controllers.
3. **Power Supplies:** Managing heat in high-efficiency power converters.
4. **Computing:** Cooling chipsets on motherboards or high-speed networking chips.
- ⤷
What is the thermal resistance of this part at higher airflow speeds like 500 LFM?
- ⤷ Are there different spring options available for this specific push pin model?
- ⤷ How does the 'Blue Anodized' finish affect the thermal performance compared to bare aluminum?