ATS-18G-80-C2-R0
AI

## Electronic Specifications: ATS-18G-80-C2-R0
The **ATS-18G-80-C2-R0** is a high-performance **heat sink** assembly manufactured by Advanced Thermal Solutions (ATS). While it is a mechanical component, its specifications are critical for the thermal management of electronic parts like CPUs, GPUs, and FPGAs.
---
### 1. Key Technical Specifications
The part number follows a specific nomenclature used by ATS to define the dimensions and material properties.
| Specification | Details |
| :--- | :--- |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Attachment Method** | pushPIN™ (Spring-loaded pins) |
| **Dimensions (L x W x H)** | 54.00mm x 54.00mm x 25.00mm |
| **Thermal Resistance** | Variable (Based on Airflow) |
| **Compliance** | RoHS & REACH Compliant |
---
### 2. Electronic Thermal Performance
In electronics, the efficiency of a heat sink is measured by its **Thermal Resistance ($\theta$)**, expressed in Celsius per Watt (°C/W). Lower values indicate better cooling performance.
| Airflow Velocity (LFM) | Thermal Resistance (Unducted) | Thermal Resistance (Ducted) |
| :--- | :--- | :--- |
| 100 (0.5 m/s) | 1.90 °C/W | 1.06 °C/W |
| 200 (1.0 m/s) | 1.07 °C/W | 0.85 °C/W |
| 400 (2.0 m/s) | 0.77 °C/W | 0.72 °C/W |
---
### 3. Structural & Component Parts
This assembly consists of three primary electronic-grade sub-components:
1. **Heat Sink Body:** A cross-cut fin design that allows for multi-directional airflow, making it ideal for high-density PCB layouts where airflow direction may vary.
2. **pushPIN™ Attachment:** Uses a brass pin and a stainless steel spring. This provides a precise "compression force" (calculated to prevent cracking the silicon die) while ensuring a secure fit to the PCB.
3. **Thermal Interface Material (TIM):** This specific model typically comes with **T412** pre-applied.
* **T412** is a high-efficiency thermal tape or pad designed to fill microscopic air gaps between the electronic chip and the aluminum base.
---
### 4. Application in Electronics
This part is commonly used for cooling the following electronic components:
* **Large FPGAs/ASICs:** Found in networking gear.
* **Processors:** Low to mid-range power processors in industrial computing.
* **Power Modules:** High-density DC-DC converters.
---
- ⤷
What is the significance of the 'Blue Anodized' finish in electronic cooling?
- ⤷ How do I calculate the required LFM for a chip dissipating 20 Watts using this heat sink?
- ⤷ What are the PCB hole diameter requirements for the pushPIN attachment?