ATS-18G-91-C2-R0
AI

The **ATS-18G-91-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by *Advanced Thermal Solutions (ATS)*. It belongs to the **maxiFLOW™** product line, designed to provide maximum surface area for cooling electronic components.
---
### 1. Technical Specifications
Below are the primary physical and thermal characteristics of the part:
| Characteristic | Specification |
| :--- | :--- |
| **Material** | Aluminum (Blue Anodized) |
| **Dimensions** | 40mm x 40mm x 10mm |
| **Attachment Method** | pushPIN™ (Brass/Plastic pins) |
| **Thermal Resistance** | 21.90 °C/W (Unducted Flow @ 200 LFM) |
| **Thermal Interface Material** | T766 (Pre-applied) |
| **Airflow Direction** | Vertical |
---
### 2. Key Components & Features
#### A. The Fin Geometry (maxiFLOW™)
The "maxiFLOW" design features a flared fin structure. Unlike standard straight-fin heat sinks, these fins taper outwards. This reduces pressure drop and increases the surface area exposed to the airflow, making it highly efficient in forced-air environments.
#### B. pushPIN™ Attachment System
The **C2** suffix in the part number indicates the attachment mechanism. This system uses:
* **Compression Springs:** Provides specific pressure to ensure consistent contact between the heat sink and the component (BGA/FPGA).
* **Brass/Plastic Pins:** Secure the assembly to the PCB through pre-drilled holes.
#### C. Thermal Interface Material (TIM)
The unit comes with **T766** pre-applied to the base. This is a phase-change or high-performance thermal grease that fills microscopic air gaps between the heat sink and the chip, significantly reducing thermal resistance.
---
### 3. Applications
This part is typically used for cooling integrated circuits (ICs) that generate moderate heat in space-constrained environments:
* **Telecommunications:** Network switches and routers.
* **Embedded Systems:** Industrial PCs and controllers.
* **Computing:** High-speed memory modules or Southbridge chipsets.
---
### 4. Part Number Breakdown
* **ATS:** Advanced Thermal Solutions (Manufacturer)
* **18:** Series/Internal Reference
* **G:** Fin pitch/style
* **91:** Specific dimension code
* **C2:** Attachment kit type (pushPIN)
* **R0:** Revision/RoHS Compliance status
- ⤷
What is the thermal resistance of this heat sink at higher airflow speeds (e.g.
- ⤷ 500 LFM)?
- ⤷ Can the pushPIN attachment be swapped for an adhesive thermal tape?
- ⤷ What are the PCB hole diameter requirements for the C2 attachment system?