ATS-18H-101-C3-R0
AI

The **ATS-18H-101-C3-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It is designed to dissipate heat from electronic integrated circuits (ICs) like CPUs, GPUs, or power transistors.
### Technical Specifications
The following table summarizes the key physical and thermal characteristics of this part:
| Characteristic | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions Inc. |
| **Series** | pushPIN™ |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Dimensions (L x W x H)** | 45mm x 45mm x 30mm |
| **Thermal Resistance** | 1.15°C/W @ 100 LFM |
| **Attachment Method** | Push-Pin (Brass) |
| **Thermal Interface Material (TIM)** | T412 (Pre-applied) |
---
### Key Electronic & Mechanical Features
#### 1. Heat Sink Design (Cross-Cut)
The "H" in the part number often refers to the **Cross-Cut** fin pattern. This design allows for multidirectional airflow, meaning it can dissipate heat effectively regardless of whether the air is blowing horizontally or vertically across the PCB.
#### 2. pushPIN™ Attachment Mechanism
Unlike adhesive-based heat sinks, this part uses a mechanical **Push-Pin** system with a compression spring.
* **Reliability:** Provides consistent pressure across the component surface, ensuring optimal contact.
* **Ease of Assembly:** Can be installed manually or with automated equipment through pre-drilled holes in the PCB.
#### 3. Thermal Interface Material (TIM)
The unit comes with **T412** thermal grease/pad pre-applied to the base.
* **Function:** It fills microscopic air gaps between the heat sink and the electronic chip.
* **Benefit:** Reduces contact resistance, allowing heat to flow more efficiently from the silicon to the aluminum fins.
#### 4. Material and Finish
* **Aluminum:** Chosen for its excellent thermal conductivity-to-weight ratio.
* **Blue Anodized Finish:** Provides corrosion resistance and increases surface emissivity, which slightly improves radiant heat transfer.
---
### Application Usage
This part is typically used in environments where high-power components are packed into tight spaces, such as:
* **Telecommunications:** High-speed routers and switches.
* **Industrial PC:** Embedded controllers.
* **Power Supplies:** High-wattage DC-DC converters.
- ⤷
What are the specific hole patterns required on a PCB for this push-pin mount?
- ⤷ How does the 1.15°C/W thermal resistance change at higher airflow speeds?
- ⤷ What is the difference between T412 and other thermal interface materials like T766?