ATS-18H-142-C2-R0
AI

The **ATS-18H-142-C2-R0** is a high-performance electronic thermal management component. Specifically, it is a **Heatsink** designed by Advanced Thermal Solutions (ATS) for cooling electronic integrated circuits (ICs) and other surface-mount components.
---
### 1. Technical Specifications
Below is a breakdown of the physical and thermal characteristics of this specific part number:
| Parameter | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions Inc. (ATS) |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Attachment Method** | pushPIN™ (Spring-loaded) |
| **Thermal Resistance** | 4.85°C/W (Unducted Flow @ 100 LFM) |
| **Dimensions (L x W)** | 30.00mm x 30.00mm |
| **Height** | 15.00mm |
| **Fin Style** | Fine Pitch (Cross-Cut) |
---
### 2. Design and Component Features
#### A. The pushPIN™ Attachment System
The "R0" suffix refers to the specific attachment mechanism. This part uses a **spring-loaded pushPIN system**.
* **Purpose:** It ensures consistent pressure (clamping force) on the chip, which improves thermal transfer.
* **Installation:** It requires pre-drilled holes on the PCB. The pins snap into place, reducing the risk of the heatsink shifting during vibration or shipping.
#### B. Cross-Cut Fin Design
The fins on the ATS-18H-142-C2-R0 are not long straight bars; they are cut into a grid pattern.
* **Omnidirectional Airflow:** This allows air to enter from any direction, making it ideal for compact cases where airflow direction might be unpredictable.
* **Increased Surface Area:** The cross-cut increases the total surface area for heat dissipation without increasing the footprint.
#### C. Thermal Interface Material (TIM)
The "C2" in the part number indicates that the heatsink comes pre-applied with **T766 phase-change material** or a high-performance thermal pad. This eliminates the need for manual thermal paste application during assembly.
---
### 3. Application Use Cases
This part is typically found in:
1. **Networking Hardware:** Routers, switches, and gateways.
2. **Embedded Systems:** Industrial PCs and controllers.
3. **Power Supplies:** Cooling MOSFETs or voltage regulators.
4. **Telecommunications:** Base station components.
---
- ⤷
What is the difference between the C1
- ⤷ C2
- ⤷ and C3 variants for this heatsink?
- ⤷ Can this heatsink be mounted using adhesive tape instead of push-pins?
- ⤷ How do I calculate if the 4.85°C/W thermal resistance is sufficient for my processor?