ATS-18H-182-C2-R0
AI

The **ATS-18H-182-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It is designed to dissipate heat from electronic components like CPUs, GPUs, or power transistors to prevent thermal throttling or hardware failure.
---
## 1. Technical Specifications
The part number follows a specific nomenclature that defines its physical and thermal characteristics.
| Specification | Detail |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Series** | pushPIN™ |
| **Attachment Type** | Push-pin (Spring-loaded) |
| **Dimensions (L x W x H)** | 40.00mm x 40.00mm x 15.00mm |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Thermal Resistance** | 7.51°C/W (at 100 LFM) |
| **Fin Pattern** | Fine Pitch (Cross-Cut) |
---
## 2. Key Electronic Features
### A. pushPIN™ Attachment System
Unlike adhesive-based heat sinks, this model uses a **push-pin and spring mechanism**.
* **Constant Pressure:** The springs ensure consistent contact pressure between the heat sink and the electronic component, optimizing heat transfer.
* **Secure Mounting:** It utilizes pre-drilled holes in the PCB, making it resistant to shock and vibration compared to "peel-and-stick" solutions.
### B. Thermal Interface Material (TIM)
The "R0" suffix typically indicates that the part comes with a **pre-applied Thermal Interface Material**.
* This material fills microscopic air gaps between the component die and the aluminum base.
* It ensures immediate readiness for assembly lines without requiring manual application of thermal paste.
### C. Cross-Cut Fin Design
The fins are designed in a cross-cut pattern, which allows for:
* **Omnidirectional Airflow:** It can dissipate heat effectively regardless of which direction the cooling fan is blowing.
* **Increased Surface Area:** Maximizes the area available for convection cooling within a low-profile (15mm) height.
---
## 3. Usage Scenarios
This part is commonly found in:
* **Networking Hardware:** Routers, switches, and high-speed modems.
* **Embedded Systems:** Industrial PCs and automation controllers.
* **Power Electronics:** Voltage regulators and motor drivers that generate significant localized heat.
---
- ⤷
What are the specific hole patterns required on a PCB for the ATS pushPIN system?
- ⤷ How does the 'Blue Anodized' finish affect the thermal performance compared to raw aluminum?
- ⤷ What is the difference between the C1 and C2 material variants in ATS part numbers?