ATS-18H-40-C2-R0
AI

The **ATS-18H-40-C2-R0** is a high-performance electronic thermal management component, specifically a **Heatsink** manufactured by Advanced Thermal Solutions (ATS). It is designed to dissipate heat from electronic components like CPUs, GPUs, or power transistors to prevent thermal throttling or hardware failure.
---
### 1. Technical Specifications
The following table outlines the mechanical and thermal characteristics of this specific part:
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Series** | pushPIN™ |
| **Base Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Thermal Resistance** | 1.21°C/W (at 100 LFM) |
| **Attachment Method** | Push-Pin (Plastic or Brass) |
| **Dimensions (L x W x H)** | 45mm x 45mm x 25mm |
| **Fin Style** | Fine Pitch (High Density) |
---
### 2. Part Number Breakdown
Understanding the nomenclature helps in identifying the specific configuration of the unit:
* **ATS:** Brand (Advanced Thermal Solutions).
* **18H:** Series/Product line identifier.
* **40:** Dimension code (indicating the 45mm footprint size in this series).
* **C2:** Material/Color code (typically signifies Blue Anodized Aluminum).
* **R0:** Revision or RoHS compliance status.
---
### 3. Key Electronic Functions
While the heatsink itself is a passive mechanical part, its role in an electronic circuit is critical:
* **Thermal Dissipation:** It increases the surface area of the heat-generating component, allowing air to carry away heat more efficiently.
* **Push-Pin Attachment:** The "pushPIN™" system provides a specific pressure (clamping force) on the electronic chip, which ensures maximum contact with the **Thermal Interface Material (TIM)**.
* **Aerodynamic Design:** The fin pattern is optimized for "Cross-Flow," meaning it performs well even if the airflow direction is inconsistent within the electronic enclosure.
---
### 4. Typical Applications
* **Embedded Systems:** Industrial PCs or automation controllers.
* **Telecommunications:** High-speed routers and switches.
* **Power Electronics:** Cooling MOSFETs or Voltage Regulator Modules (VRMs).
---
- ⤷
What is the significance of the 'Blue Anodized' finish in thermal management?
- ⤷ How do I calculate the required airflow (LFM) for this heatsink?
- ⤷ Does this part come with pre-applied thermal interface material?