ATS-18H-41-C2-R0
AI

The **ATS-18H-41-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by **Advanced Thermal Solutions (ATS)**. It is part of the "pushPIN™" series, designed for efficient heat dissipation from integrated circuits (ICs) and other electronic components.
---
### 1. Technical Specifications
The part number encodes specific characteristics of the heat sink's physical and thermal properties.
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Material** | Aluminum (AL6063) |
| **Fin Type** | Square Fin (Straight/Cross-cut) |
| **Attachment Method** | pushPIN™ (Spring-loaded) |
| **Thermal Resistance** | 10.02 °C/W @ 100 LFM (approx) |
| **Surface Finish** | Blue Anodized |
| **Thermal Interface Material** | T766 (Pre-applied phase change) |
---
### 2. Physical Dimensions
Precision sizing is critical for ensuring the heat sink fits within the PCB layout without interfering with surrounding components.
* **Size (LxW):** 40.00 mm x 40.00 mm
* **Height:** 25.00 mm
* **Pitch/Hole Spacing:** 45.00 mm (diagonal spacing for mounting)
---
### 3. Key Component Features
#### A. pushPIN™ Attachment
Unlike adhesive tapes or simple clips, this model uses a **pushPIN™ system**. This consists of a plastic or metal pin with a compressed spring. It provides:
* **Constant Pressure:** Ensures optimal contact between the heat sink and the chip.
* **Vibration Resistance:** Securely holds the component in place during transport or mechanical stress.
* **Ease of Assembly:** Can be installed manually or with basic tools through pre-drilled holes in the PCB.
#### B. Material and Finish
* **Aluminum 6063:** Chosen for its excellent thermal conductivity and lightweight properties.
* **Blue Anodization:** This is not just for aesthetics; the anodized coating increases surface emissivity (helping with radiation cooling) and provides corrosion resistance.
#### C. Thermal Interface Material (TIM)
The "R0" at the end of the part number indicates it comes with **T766** pre-applied. This is a high-performance thermal pad/paste that fills microscopic air gaps between the heat sink and the processor, significantly lowering thermal resistance.
---
### 4. Application Use Cases
This specific heat sink is typically found in:
1. **Telecommunications:** High-speed routers and switches.
2. **Embedded Computing:** Industrial PC processors and FPGAs.
3. **Power Electronics:** Cooling MOSFETs or power modules.
- ⤷
What are the differences between the Blue Anodized finish and a Black Anodized finish in terms of performance?
- ⤷ How do I calculate if the 10.02 °C/W thermal resistance is sufficient for my specific chip?
- ⤷ Can the pushPIN attachment be reused if the heat sink is removed from the PCB?