ATS-18H-75-C3-R0
AI

The **ATS-18H-75-C3-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It is part of the "push-pin" series designed for secure mounting on Printed Circuit Boards (PCBs).
### 1. Technical Specifications
The following table outlines the physical and thermal characteristics of this specific part number:
| Feature | Specification |
| :--- | :--- |
| **Material** | Aluminum (AL6063) |
| **Finish** | Blue Anodized |
| **Mounting Style** | Push-Pin (Plastic) |
| **Spring Type** | Compression Spring |
| **Thermal Resistance** | 1.33 °C/W (at 200 LFM) |
| **Dimensions (L x W x H)** | 25.0mm x 25.0mm x 30.0mm |
| **Thermal Interface Material (TIM)** | T412 (Double-sided thermal tape) |
---
### 2. Breakdown of the Part Number
The part number follows a specific nomenclature used by ATS to identify the component's features:
- **ATS-18H**: Indicates the series and the height category.
- **75**: Refers to the specific fin pattern/geometry configuration.
- **C3**: Represents the color and finish (Blue Anodized).
- **R0**: Refers to the revision code or packaging standard.
---
### 3. Key Electronic Functions
While the heat sink itself is a passive mechanical component, it serves critical functions for the electronics it protects:
* **Heat Dissipation:** It increases the surface area of the component (CPU, FPGA, or Power Transistor), allowing the heat generated by electrical resistance to be transferred more efficiently to the surrounding air.
* **Thermal Protection:** By maintaining a lower junction temperature, it prevents "thermal throttling" and extends the lifespan of the semiconductor.
* **Mechanical Stability:** The use of **push-pins** and **springs** ensures a consistent downward pressure (clamping force). This ensures that the Thermal Interface Material (TIM) remains in perfect contact with the chip, even under vibration.
---
### 4. Application Usage
This specific size (25mm x 25mm) is commonly used for:
1. **Network Switches/Routers:** Cooling small processors or ASICs.
2. **Embedded Systems:** Industrial PCs where vertical space (30mm) is available but the footprint is tight.
3. **Power Supplies:** Cooling voltage regulators or MOSFETs.
- ⤷
What is the difference between push-pin mounting and adhesive mounting for heat sinks?
- ⤷ How does 'LFM' (Linear Feet per Minute) affect the thermal resistance of this part?
- ⤷ Can the T412 thermal interface material be replaced with thermal paste?