AI

## Electronic Component Analysis: ATS-18H-82-C2-R0
The **ATS-18H-82-C2-R0** is a high-performance **heat sink** manufactured by **Advanced Thermal Solutions (ATS)**. It is part of the "maxiFLOW™" series, designed specifically for cooling high-power electronic components such as CPUs, GPUs, FPGAs, and ASICs.
---
### 1. Technical Specifications
The part number follows a specific nomenclature that defines its physical and thermal characteristics.
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Series** | maxiFLOW™ |
| **Dimensions (L x W x H)** | 36.83mm x 36.83mm x 22.86mm |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Attachment Method** | pushPIN™ (Spring-loaded) |
| **Thermal Resistance (Airflow)** | 5.21°C/W @ 200 LFM |
| **Pressure Drop** | High-efficiency fin design |
---
### 2. Key Design Features
* **maxiFLOW™ Fin Geometry:** The heat sink features a unique spread-fin pattern. This design reduces pressure drop and increases the surface area, which enhances thermal performance in high-velocity airflow environments.
* **pushPIN™ Attachment:** The "-R0" suffix indicates a specific attachment mechanism. It uses a flexible, spring-loaded pin system that ensures consistent pressure between the heat sink and the electronic component, optimizing heat transfer.
* **Thermal Interface Material (TIM):** This specific model typically comes pre-applied with **ATS-51**, a high-performance thermal grease, ensuring minimal thermal resistance at the contact point.
---
### 3. Application Use Cases
This component is used in electronic systems where heat dissipation is critical for longevity and stability:
1. **Networking Hardware:** Switches, routers, and high-speed hubs.
2. **Industrial PCs:** Compact embedded systems that generate significant localized heat.
3. **Power Electronics:** Voltage regulators and power modules that require active or passive cooling.
---
### 4. Thermal Performance Data
Performance varies based on the Air Velocity (Measured in Linear Feet per Minute - LFM):
| Air Velocity (LFM) | Thermal Resistance (°C/W) |
| :--- | :--- |
| **200 (1.0 m/s)** | 5.21 |
| **300 (1.5 m/s)** | 4.01 |
| **400 (2.0 m/s)** | 3.32 |
| **600 (3.0 m/s)** | 2.58 |
---
- ⤷
What are the mechanical dimensions of the pushPIN holes required for this heat sink?
- ⤷ How does the 'Blue Anodized' finish affect the emissivity and thermal performance?
- ⤷ Is there a low-profile alternative to the ATS-18H-82-C2-R0 in the same series?