ATS-18H-95-C2-R0
AI

The **ATS-18H-95-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by *Advanced Thermal Solutions, Inc. (ATS)*. It is part of the "pushPIN™" series, designed for efficient cooling of integrated circuits (ICs) and other electronic components.
---
### 1. Technical Specifications
The part number encodes specific dimensions and material properties. Below are the core technical details:
| Attribute | Specification |
| :--- | :--- |
| **Material** | Aluminum (AL6063) |
| **Finish** | Blue Anodized |
| **Attachment Method** | pushPIN™ (Spring-loaded) |
| **Base Dimensions** | 40.00 mm x 40.00 mm |
| **Height** | 25.00 mm |
| **Pitch** | Fine Pitch (Optimized for airflow) |
| **Thermal Resistance** | 1.30 °C/W (at 200 LFM) |
| **Thermal Interface Material (TIM)** | T766 (Pre-applied) |
---
### 2. Design and Engineering Features
#### A. The Fin Pattern
The ATS-95 model features a **Fine-Pitch** design. This increases the surface area available for heat dissipation, making it highly effective in systems with forced-air cooling (fans).
#### B. Attachment System (pushPIN™)
Instead of adhesive tapes or permanent solder, this part uses a mechanical attachment system:
* **Push-pins:** Plastic or brass pins that lock into pre-drilled holes on the PCB.
* **Compression Springs:** These provide consistent pressure across the interface, ensuring maximum contact with the component being cooled.
#### C. Thermal Interface Material (TIM)
The "C2" in the part number refers to the **T766** thermal material. This is a high-performance phase-change or grease-like material pre-applied to the base, which fills microscopic air gaps between the heat sink and the chip.
---
### 3. Applications
This specific heat sink is typically used for cooling:
1. **Processors (CPUs/GPUs):** Smaller embedded processors.
2. **FPGAs & ASICs:** High-speed logic gates that generate significant heat.
3. **Power Supplies:** Cooling voltage regulators or power transistors.
4. **Networking Hardware:** Switches and routers where airflow is managed.
---
### 4. Thermal Performance Comparison
Thermal resistance indicates how well the part moves heat away (lower is better).
| Air Velocity (LFM) | 100 (0.5 m/s) | 200 (1.0 m/s) | 400 (2.0 m/s) |
| :--- | :--- | :--- | :--- |
| **Thermal Resistance (°C/W)** | ~7.29 | 1.30 | 0.82 |
- ⤷
How do I calculate the required hole pattern on the PCB for this heat sink?
- ⤷ What is the difference between the C1
- ⤷ C2
- ⤷ and C3 material coatings in ATS parts?
- ⤷ Can this heat sink be used in a passive cooling environment without fans?