ATS-19A-72-C2-R0
AI

The **ATS-19A-72-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It is designed to dissipate heat from electronic components like CPUs, GPUs, or high-power semiconductors.
---
### 1. Technical Specifications
The part number follows a specific nomenclature that defines its physical and thermal characteristics:
| Feature | Specification | Description |
| :--- | :--- | :--- |
| **Component Type** | Heat Sink | Passive cooling device |
| **Material** | Aluminum | High thermal conductivity with low weight |
| **Dimensions** | 45mm x 45mm x 35mm | Square footprint with high-profile fins |
| **Attachment Type** | pushPIN™ | Spring-loaded mounting mechanism |
| **Fin Style** | Straight Fin | Optimized for high-velocity airflow |
| **Finish** | Blue Anodized | Corrosion resistance and aesthetic finish |
| **Thermal Interface** | T766 | Pre-applied high-performance thermal phase material |
---
### 2. Key Electronic Features
The "C2" and "R0" designations in the part number refer to specific build configurations:
* **Thermal Performance:** Engineered for "high-flow" environments. The straight fin design allows air to pass through with minimal resistance, making it ideal for server racks or industrial enclosures with forced-air cooling.
* **pushPIN™ Attachment:** This system includes a flexible, spring-loaded pin that provides a consistent, high-pressure contact between the heat sink and the electronic chip, ensuring maximum heat transfer.
* **T766 Thermal Interface Material (TIM):** Unlike basic heat sinks, this model comes with a pre-applied phase-change material. This fills the microscopic air gaps between the chip and the aluminum base, significantly reducing thermal resistance.
---
### 3. Typical Applications
This part is commonly used in the following electronic sectors:
1. **Telecommunications:** Cooling of high-speed network switches and routers.
2. **Industrial Computing:** Protection of embedded processors in harsh environments.
3. **Power Electronics:** Dissipating heat from Power MOSFETs or IGBT modules.
---
- ⤷
How do I calculate the thermal resistance for this specific heat sink?
- ⤷ What are the alternatives to pushPIN mounting for PCB-based heat sinks?
- ⤷ What is the difference between Blue Anodized and Black Anodized finishes in thermal management?