ATS-19B-100-C2-R0
AI

The **ATS-19B-100-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It is part of the "maxiFLOW™" series, designed to maximize airflow and thermal dissipation for electronic components.
---
## Technical Specifications
| Parameter | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Part Number** | ATS-19B-100-C2-R0 |
| **Heat Sink Type** | maxiFLOW™ |
| **Material** | Aluminum (Blue Anodized) |
| **Attachment Method** | pushPIN™ (Spring-loaded pins) |
| **Dimensions (L x W x H)** | 40.00mm x 40.00mm x 25.00mm |
| **Thermal Resistance (LFM 200)** | 1.90 °C/W |
---
## Electronic & Physical Components
The device consists of three primary subsystems that work together to protect sensitive electronic components (like CPUs, FPGAs, or GPUs) from overheating:
### 1. The Fin Structure (maxiFLOW™)
The "electronic" functionality of this part is passive. It utilizes a **spread-fin pattern**. Unlike traditional straight-fin heat sinks, the maxiFLOW design reduces pressure drop and increases the surface area exposed to moving air, which is critical for high-density PCB layouts.
### 2. The Attachment Mechanism (pushPIN™)
To ensure reliable contact with the electronic component, this part uses the **pushPIN™** system:
* **Springs:** Provide a precise, consistent compression force (pressure) to ensure the thermal interface material (TIM) fills all microscopic gaps.
* **Pins:** Designed to fit into pre-drilled holes on the PCB (usually 3.175mm holes).
### 3. Thermal Interface Material (TIM)
The "C2" in the part number indicates the pre-applied thermal material.
* **Type:** T766 phase-change material or high-performance grease.
* **Function:** It eliminates air gaps between the heat sink base and the electronic chip, facilitating the efficient transfer of heat via conduction.
---
## Applications in Electronics
This specific heat sink is typically found in the following electronic environments:
* **Telecommunications:** Cooling high-speed data processors.
* **Embedded Systems:** Industrial PCs where space is limited but heat output is high.
* **Power Supplies:** Cooling MOSFETs or power transistors.
- ⤷
What is the significance of the 'Blue Anodized' finish in thermal management?
- ⤷How do I calculate if the 1.90 °C/W thermal resistance is sufficient for my chip?
- ⤷Are there alternative mounting options if my PCB doesn't have pushPIN holes?