ATS-19B-13-C2-R0
AI

The **ATS-19B-13-C2-R0** is a specific electronic component primarily classified as a **High-Performance Heat Sink**. It is manufactured by *Advanced Thermal Solutions (ATS)* and belongs to their "blueIce" or high-efficiency push-pin series.
Below is a breakdown of its technical specifications and electronic application.
---
## 1. Technical Specifications
| Feature | Specification Details |
| :--- | :--- |
| **Part Number** | ATS-19B-13-C2-R0 |
| **Component Type** | Heat Sink (Thermal Management) |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Attachment Method** | Push-Pin (Brass) |
| **Thermal Resistance** | 13.70 °C/W (Unducted Flow) |
| **Dimensions** | 50mm x 50mm x 15mm |
| **Thermal Interface** | T766 (Pre-applied Thermal Phase Change Material) |
---
## 2. Key Features and Design
### A. Fin Profile (Straight Fin)
The "13" in the part number indicates the specific fin design. Straight fin heat sinks are designed for environments where there is a clear, unobstructed airflow. They provide a low pressure drop, making them efficient for standard fan cooling.
### B. Attachment Mechanism (Push-Pin)
Unlike adhesive-based heat sinks, the **R0** suffix denotes a push-pin attachment with a compression spring.
- **Reliability:** Provides consistent pressure on the high-power component (like a CPU or FPGA).
- **Stability:** Prevents the heat sink from shifting due to mechanical shock or vibration.
### C. Thermal Interface Material (TIM)
It comes with **T766** pre-applied. This is a phase-change material that softens at operating temperatures to fill microscopic air gaps between the heat sink and the electronic chip, significantly reducing thermal resistance.
---
## 3. Applications in Electronics
This component is used to protect sensitive electronic parts from overheating. Common use cases include:
1. **Processors & SoCs:** Cooling CPUs or Graphics chips in embedded systems.
2. **FPGAs:** Cooling Field Programmable Gate Arrays used in telecommunications.
3. **Power Electronics:** Managing heat for large MOSFET arrays or power converters.
4. **Network Hardware:** Used in routers and switches where constant airflow is present.
---
## 4. Component Comparison (Airflow Performance)
| Air Velocity (LFM) | Thermal Resistance (°C/W) |
| :--- | :--- |
| 200 (1.0 m/s) | 13.70 |
| 400 (2.0 m/s) | 3.30 |
| 600 (3.0 m/s) | 2.50 |
| 800 (4.0 m/s) | 2.10 |
---
- ⤷
What is the significance of the 'Blue Anodized' finish for thermal performance?
- ⤷ How do I determine if the 15mm height will fit in a 1U rack enclosure?
- ⤷ Can this heat sink be reused if the push-pins are removed?