AI

The **ATS-19B-141-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink**, manufactured by Advanced Thermal Solutions (ATS). It belongs to the "push-pin" attachment series designed for efficient cooling of semiconductors and PCBs.
---
### 1. Technical Specifications
Below are the primary electronic and physical specifications for this part:
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions, Inc. (ATS) |
| **Part Number** | ATS-19B-141-C2-R0 |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Attachment Method** | Push-Pin (Brass) |
| **Thermal Resistance** | 15.76°C/W (at 100 LFM) |
| **Dimensions (L x W x H)** | 25.00mm x 25.00mm x 10.00mm |
| **Fin Style** | Fine Pitch (Straight) |
---
### 2. Electronic Application & Function
While the part itself does not contain circuitry, it is a critical "passive" electronic component used to protect active silicon.
* **Heat Dissipation:** It is designed to be mounted on top of Integrated Circuits (ICs), such as CPUs, GPUs, FPGAs, or Power Transistors, to conduct heat away from the junction.
* **Thermal Interface Material (TIM):** This specific model typically comes with **T766** pre-applied, which is a high-performance thermal phase-change material that ensures maximum heat transfer between the chip and the aluminum.
* **Acoustic Optimization:** The fine-pitch fin design is optimized for airflow, allowing the electronic system to run quieter by reducing the fan speed required to maintain safe operating temperatures.
---
### 3. Attachment Mechanism
The **"C2"** designation in the part number refers to the specific hardware used for securing the sink to the PCB:
1. **Push-Pins:** Plastic or brass pins that snap into pre-drilled holes in the PCB.
2. **Compression Springs:** Built-in springs provide a precise "force" (pressure) on the electronic component to ensure the thermal pad makes perfect contact without cracking the silicon die.
---
### 4. Thermal Performance Data
Performance varies based on the airflow (LFM - Linear Feet per Minute) within the electronic enclosure:
| Air Velocity (LFM) | Thermal Resistance (°C/W) |
| :--- | :--- |
| 100 (Natural Convection) | 15.76 |
| 200 | 9.18 |
| 400 | 6.51 |
| 600 | 5.41 |
- ⤷
What is the significance of the 'Blue Anodized' finish in electronic cooling?
- ⤷ How do I determine if my PCB holes are compatible with this push-pin size?
- ⤷ Can this heat sink be used for power converters instead of standard ICs?