ATS-19B-183-C2-R0
AI

The **ATS-19B-183-C2-R0** is a high-performance electronic thermal management component, specifically a **heat sink** designed for cooling integrated circuits (ICs) and other electronic packages. It is manufactured by Advanced Thermal Solutions (ATS).
---
### Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Product Series** | pushPIN™ |
| **Heat Sink Type** | Straight Fin |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Thermal Resistance** | 5.37 °C/W (at 100 LFM) |
| **Attachment Method** | Push-Pin (Brass) |
| **Spring Type** | Compression Spring (STS) |
| **Dimensions (L x W x H)** | 40mm x 40mm x 20mm |
---
### Key Electronic Components & Design
#### 1. The Heat Sink Body
The core component is made of **6063 Aluminum**. Aluminum is selected for its high thermal conductivity and lightweight properties. The "Straight Fin" design allows for efficient airflow across the surface area, dissipating heat from the component beneath it.
#### 2. Thermal Interface Material (TIM)
This part comes pre-applied with **T766 Phase Change Material**.
* **Purpose:** It fills microscopic air gaps between the CPU/chip and the heat sink base to ensure maximum heat transfer.
* **Benefit:** Reduces the overall thermal resistance of the assembly.
#### 3. Push-Pin Attachment Mechanism
Instead of adhesive tape or screws, this model uses a **Brass Push-Pin** system.
* **Electronics Impact:** It provides a specific, consistent pressure (clamping force) onto the electronic chip. This prevents damage to sensitive silicon while ensuring the heat sink doesn't shift during vibration or shipping.
#### 4. Blue Anodized Finish
The surface is treated with a blue anodized coating. While primarily aesthetic, it provides:
* **Corrosion Resistance:** Protects the aluminum from oxidation.
* **Electrical Insulation:** Anodizing creates a thin non-conductive layer, reducing the risk of short circuits if the sink accidentally touches nearby traces.
---
### Application in Circuit Design
This part is typically used in the following electronic environments:
* **Voltage Regulators:** Cooling power management modules.
* **Processors/FPGAs:** Mid-range computing chips that generate moderate heat.
* **High-Density Boards:** The 40mm footprint is standardized for many PCB layouts.
- ⤷
What is the significance of the 'C2' designation in this part number?
- ⤷ How do I calculate the airflow requirements for this specific thermal resistance?
- ⤷ What are the compatible PCB hole patterns for the push-pin mounting?