ATS-19B-20-C2-R0
AI

The **ATS-19B-20-C2-R0** is a specific electronic component manufactured by **Advanced Thermal Solutions (ATS)**. It belongs to their high-performance **maxiFLOW™** heat sink series, designed primarily for cooling BGA (Ball Grid Array) components.
Below is a detailed breakdown of its electronic and physical specifications.
---
## 1. Technical Specifications
This part is a thermal management solution designed to dissipate heat from integrated circuits (ICs) like CPUs, FPGAs, or GPUs.
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Series** | maxiFLOW™ |
| **Attachment Method** | maxiGRIP™ (Frame Clip) |
| **Dimensions (L x W)** | 45mm x 45mm |
| **Height** | 20mm |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Thermal Resistance** | 2.33 °C/W (@ 200 LFM) |
| **Thermal Interface Material (TIM)** | T766 (Pre-applied) |
---
## 2. Key Component Features
### A. The maxiFLOW™ Design
The heat sink features a **flared fin structure**. Unlike standard straight-fin heat sinks, the flared fins increase the surface area and improve airflow ingestion, which is critical in systems where air speed is limited or inconsistent.
### B. maxiGRIP™ Attachment System
One of the most important aspects of this part is the **C2** suffix in the model number, which refers to the attachment mechanism:
- **Mechanical Fastening:** It uses a plastic frame clip that attaches directly to the component.
- **Spring Clip:** A steady-state "X" shaped spring provides high pressure to ensure optimal contact between the heat sink and the chip.
- **No Holes Required:** It eliminates the need to drill holes into the Printed Circuit Board (PCB).
### C. Thermal Interface Material (TIM)
The part comes with **T766** pre-applied to the base. T766 is a high-performance phase-change material that fills microscopic air gaps between the heat sink and the electronic part, significantly reducing thermal resistance.
---
## 3. Part Number Decoder
Understanding the "Electronic DNA" of this part through its SKU:
| Segment | Meaning |
| :--- | :--- |
| **ATS** | Manufacturer (Advanced Thermal Solutions) |
| **19B** | Specific Fin Geometry / Design series |
| **20** | Height in Millimeters (20mm) |
| **C2** | Attachment Type (maxiGRIP™ with specific tension) |
| **R0** | RoHS Compliant / Revision Status |
---
## 4. Application Use-Cases
Electronic engineers select this part for:
1. **Network Switches/Routers:** Where high-speed processing generates significant heat.
2. **Industrial PCs:** Cooling processors in environments with restricted airflow.
3. **Telecommunications:** Used on PCB boards where space is tight, but high thermal dissipation is required.
- ⤷What is the difference between the C1 and C2 attachment methods for this series?
- ⤷ How does the flared fin design compare to straight fin heat sinks in terms of performance?
- ⤷ Is the T766 thermal interface material electrically conductive?