ATS-19B-24-C2-R0
AI

The **ATS-19B-24-C2-R0** is a high-performance heat sink manufactured by **Advanced Thermal Solutions, Inc. (ATS)**. It is part of the "push pin" series designed to provide efficient cooling for electronic components like CPUs, GPUs, and other integrated circuits.
### 1. Technical Specifications
The following table outlines the physical and thermal characteristics of the part:
| Parameter | Specification |
| :--- | :--- |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Attachment Method** | Push Pin (Plastic/Brass) |
| **Fin Style** | Straight (High-flow) |
| **Dimensions (L x W x H)** | 54mm x 54mm x 15mm |
| **Thermal Resistance** | 11.00°C/W (at 200 LFM) |
| **Thermal Interface Material** | T766 (Pre-applied) |
---
### 2. Breakdown of the Part Number
The part number follows a specific nomenclature used by ATS to identify the component's features:
- **ATS-19**: Refers to the specific series of heat sink design.
- **B**: Indicates the specific fin pattern or configuration.
- **24**: Represents the height of the heat sink (in this case, 15mm based on the sub-series).
- **C2**: Refers to the material and finish (Aluminum with Blue Anodized coating).
- **R0**: Indicates the revision or specific packaging/attachment assembly.
---
### 3. Key Electronic Components Features
#### A. Thermal Management
The primary function is to dissipate heat from electronic packages. The "Blue Anodized" coating isn't just for aesthetics; it provides surface protection and slightly increases emissivity to aid in radiant heat transfer.
#### B. Mounting System (Push Pins)
Instead of using adhesive tape, this part uses a **push-pin and spring mechanism**.
* **Pressure:** The spring provides a specific "Normal Force," ensuring the heat sink stays in constant contact with the chip.
* **Stability:** It prevents the heat sink from shifting during vibration or mechanical shock.
#### C. Thermal Interface Material (TIM)
The "T766" designation means it comes with a pre-applied thermal pad or phase-change material. This eliminates the need for manual application of thermal grease, ensuring a uniform layer that fills microscopic air gaps between the component and the heat sink.
---
### 4. Ideal Applications
* **BGA (Ball Grid Array) Components:** High-speed processors and chipsets.
* **Power Electronics:** Voltage regulators and high-density power modules.
* **Embedded Systems:** Industrial PCs and networking hardware where airflow is present.
- ⤷
What is the significance of the 'Blue Anodized' finish in heat dissipation?
- ⤷ How do I calculate the required airflow (LFM) for this specific heat sink?
- ⤷ What are the alternatives to the push-pin mounting system for this size?