ATS-19B-48-C2-R0
AI

The **ATS-19B-48-C2-R0** is a specific electronic component categorized as a **High-Performance Heat Sink**, manufactured by *Advanced Thermal Solutions (ATS)*. It belongs to the **maxiFLOW™** series, designed to provide efficient cooling for electronic components like BGA (Ball Grid Array) packages.
---
### 1. Technical Specifications
The following table breaks down the primary physical and thermal characteristics of this part:
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Series** | maxiFLOW™ |
| **Type** | Top Mount Heat Sink |
| **Attachment Method** | pushPIN™ |
| **Material** | Aluminum (Blue Anodized) |
| **Thermal Resistance** | 2.29°C/W (at 200 LFM) |
| **Dimensions (L x W x H)** | 48.26mm x 48.26mm x 15mm |
| **Thermal Interface Material** | T766 (Pre-applied) |
---
### 2. Key Electronic Components & Design
The "parts" or design elements that make this component effective for electronic systems include:
* **The Heat Sink Body:** It features a unique flared fin design. Unlike straight-fin sinks, the flared fins increase the surface area and create more turbulence, which improves heat dissipation in low-airflow environments.
* **pushPIN™ Attachment:** This is the mechanical "part" used to secure the sink to the PCB. It uses a brass or plastic pin with a high-performance compression spring to ensure even pressure across the electronic chip.
* **Thermal Interface Material (TIM):** The unit comes with **T766** pre-applied. This is a "phase-change" or high-conductivity material that fills microscopic air gaps between the electronic chip and the heat sink base to maximize heat transfer.
* **Blue Anodized Finish:** This is not just for aesthetics; the anodization process protects the aluminum from corrosion and slightly improves radiant heat emissivity.
---
### 3. Part Number Breakdown
Understanding the specific nomenclature of the ATS-19B-48-C2-R0:
| Segment | Meaning |
| :--- | :--- |
| **ATS-19B** | Basic series and configuration identifier |
| **48** | Dimension reference (Length/Width approx. 48mm) |
| **C2** | Thermal performance/Material grade indicator |
| **R0** | Revision code (Standard version) |
---
### 4. Typical Applications
This part is commonly found in high-heat electronic environments such as:
* **Telecommunications:** Network switches and routers.
* **Data Centers:** Cooling CPUs or high-speed memory controllers.
* **Embedded Systems:** Industrial PCs and high-end FPGA (Field Programmable Gate Array) chips.
- ⤷What is the difference between pushPIN and adhesive mounting for heat sinks?
- ⤷ How do I calculate the airflow required for a 2.29°C/W thermal resistance?
- ⤷ Are there alternative sizes available in the ATS maxiFLOW series?