ATS-19B-49-C2-R0
AI

The **ATS-19B-49-C2-R0** is a specific electronic component primarily classified as a **High-Performance Heat Sink**. It is part of the "maxiFLOW" series produced by **Advanced Thermal Solutions (ATS)**.
Below is a detailed breakdown of its specifications and electronic application.
---
### 1. General Specifications
| Feature | Description |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Part Family** | maxiFLOW™ |
| **Material** | Aluminum (Anodized Blue) |
| **Attachment Method** | pushPIN™ (Spring-loaded pins) |
| **Thermal Resistance** | 2.63°C/W (at 200 LFM) |
| **Flow Orientation** | Directional (High-aspect ratio fins) |
---
### 2. Physical Dimensions
This component is designed for precise thermal management on Printed Circuit Boards (PCBs) where space and airflow are critical.
* **Length:** 41.00 mm
* **Width:** 45.00 mm
* **Height:** 20.00 mm
* **Fin Style:** Slanted/Tapered fins for maximum surface area and airflow efficiency.
---
### 3. Key Electronic Functions
The ATS-19B-49-C2-R0 is not an active electronic component (like a transistor) but a **passive thermal management component**. Its role in an electronic system includes:
1. **Heat Dissipation:** It draws heat away from active components (CPUs, FPGAs, or MOSFETs) to prevent thermal throttling or hardware failure.
2. **Airflow Optimization:** The "maxiFLOW" design uses a graduated fin pattern that reduces pressure drop, allowing air to pass through more easily compared to standard cross-cut heat sinks.
3. **Mechanical Stability:** The `pushPIN` attachment system ensures consistent pressure between the heat sink and the electronic chip, which is vital for maintaining a reliable thermal interface.
---
### 4. Application Environments
This specific model is typically found in:
* **Telecommunications:** High-speed routers and switches.
* **Embedded Systems:** Industrial PC modules.
* **Power Electronics:** Voltage regulator modules (VRMs) that generate significant heat in a small footprint.
---
### 5. Part Number Decoding (Breakdown)
| Segment | Meaning |
| :--- | :--- |
| **ATS** | Manufacturer (Advanced Thermal Solutions) |
| **19B** | Series/Base Type |
| **49** | Size/Configuration Identifier |
| **C2** | Thermal Interface Material (Blue Anodized) |
| **R0** | Revision/Packaging Code |
- ⤷
What type of Thermal Interface Material (TIM) is recommended for this heat sink?
- ⤷ How do the pushPIN attachment dimensions compare to standard mounting holes?
- ⤷ What is the maximum power dissipation (in Watts) this heat sink can handle?