ATS-19B-50-C2-R0
AI

The **ATS-19B-50-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by *Advanced Thermal Solutions (ATS)*. It belongs to the **maxiFLOW™** series, designed to dissipate heat from electronic components like CPUs, GPUs, or FPGAs.
---
### 1. Technical Specifications
The part number encodes specific physical and thermal characteristics:
| Attribute | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Series** | maxiFLOW™ |
| **Material** | Aluminum (Black Anodized) |
| **Attachment Method** | pushPIN™ |
| **Dimensions (L x W x H)** | 45mm x 45mm x 15mm |
| **Thermal Resistance** | 1.88°C/W (at 200 LFM) |
| **Flow Direction** | High-performance flared fin pattern |
---
### 2. Design Features
The "electronic" functionality of this part is passive, focusing on heat transfer to prevent semiconductor failure:
* **Flared Fin Design:** The fins spread outward to increase the surface area available for convection. This reduces pressure drop and increases the efficiency of airflow from cooling fans.
* **pushPIN™ Attachment:** This model uses a tool-free attachment system consisting of a plastic or brass pin and a compression spring. This ensures a precise amount of force is applied to the chip for optimal thermal contact.
* **Thermal Interface Material (TIM):** This part usually comes with a pre-applied high-performance thermal pad (often **T766**), which fills microscopic air gaps between the component and the heat sink.
---
### 3. Application in Circuitry
In an electronic system, the ATS-19B-50-C2-R0 is typically used for:
1. **BGA Components:** Large Ball Grid Array chips that generate significant heat.
2. **Power Electronics:** Voltage regulators or power modules.
3. **High-Speed Data Centers:** Used in environments where forced air (fans) is consistently present to take advantage of the flared fin design.
---
### 4. Thermal Performance Comparison
Thermal resistance ($R_{th}$) determines how much the temperature rises per Watt of power:
| Air Velocity (LFM) | Thermal Resistance (°C/W) |
| :--- | :--- |
| 100 (0.5 m/s) | 3.44 |
| 200 (1.0 m/s) | 1.88 |
| 400 (2.0 m/s) | 1.15 |
| 600 (3.0 m/s) | 0.82 |
- ⤷
What is the difference between pushPIN™ and adhesive mounting for this heat sink?
- ⤷ How do I calculate if the 1.88°C/W resistance is sufficient for my specific chip?
- ⤷ Can this heat sink be used in a natural convection environment without fans?