ATS-19B-54-C2-R0
AI

The **ATS-19B-54-C2-R0** is a specific high-performance heat sink manufactured by **Advanced Thermal Solutions (ATS)**. It is designed for cooling electronic components, primarily integrated circuits (ICs) like CPUs, GPUs, or FPGAs.
---
### 1. Technical Specifications
Below are the primary physical and thermal characteristics of this component:
| Feature | Specification |
| :--- | :--- |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Dimensions (L x W x H)** | 35.00mm x 35.00mm x 35.00mm |
| **Attachment Method** | pushPIN™ |
| **Thermal Resistance (Flowing)** | 1.34 °C/W @ 100 LFM |
| **Thermal Resistance (Static)** | 7.00 °C/W |
| **Fin Style** | Fine Pitch (Cross-Cut) |
---
### 2. Design Characteristics
The part belongs to the **pushPIN™** series, which signifies a specific mounting mechanism:
* **Heat Sink Material:** High-grade aluminum provides excellent thermal conductivity while remaining lightweight.
* **Blue Anodized Finish:** This coating not only protects the aluminum from corrosion but also slightly increases surface emissivity, aiding in heat radiation.
* **Fin Configuration:** The "Cross-Cut" pattern allows for multi-directional airflow, making it efficient even if the air isn't blowing directly straight across the fins.
* **Mounting (pushPIN™):** Uses a spring-loaded pin mechanism that provides a consistent pressure (Force) against the electronic component, ensuring optimal contact with the Thermal Interface Material (TIM).
---
### 3. Nomenclature Breakdown
The part number follows a specific logic used by Advanced Thermal Solutions:
| Segment | Meaning |
| :--- | :--- |
| **ATS** | Manufacturer (Advanced Thermal Solutions) |
| **19B** | Series ID (pushPIN™ Aluminum series) |
| **54** | Specific Geometry/Fin Design code |
| **C2** | Thermal Performance/Material grade |
| **R0** | RoHS Compliant / Revision code |
---
### 4. Application Use-Cases
This heat sink is typically found in:
1. **Telecommunications:** Cooling networking chips in routers and switches.
2. **Embedded Systems:** Industrial PCs where space is limited but high vertical clearance is available.
3. **Power Electronics:** Managing heat for voltage regulators or high-speed processors.
---
- ⤷
What is the specific hole pattern required for the pushPIN mounting on this model?
- ⤷ Does this part come pre-applied with Thermal Interface Material (TIM)?
- ⤷ How does the thermal resistance change at higher airflow rates like 500 LFM?