ATS-19B-57-C2-R0
AI

## Technical Overview: ATS-19B-57-C2-R0
The **ATS-19B-57-C2-R0** is a high-performance **Heat Sink** assembly designed by Advanced Thermal Solutions (ATS). It belongs to the **maxiFLOW™** series, which is characterized by its unique flared fin geometry designed to maximize surface area and cooling efficiency in constrained airflows.
---
### 1. Key Technical Specifications
| Parameter | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Series** | maxiFLOW™ |
| **Material** | Aluminum (Blue Anodized) |
| **Thermal Resistance** | 2.45°C/W (at 200 LFM) |
| **Dimensions (L x W)** | 37.00mm x 37.00mm |
| **Height** | 14.50mm |
| **Attachment Method** | pushPIN™ (Brass Springs) |
| **Thermal Interface Material (TIM)** | T766 (Pre-applied) |
---
### 2. Design Components
The "Electronic Part" consists of several integrated sub-components that work together to dissipate heat from high-power semiconductors (like CPUs, FPGAs, or GPUs):
* **Heat Sink Body:** Constructed from high-grade aluminum. The flared fin design increases the surface area for convective heat transfer while minimizing pressure drop across the sink.
* **pushPIN™ Attachment:** This is the mounting mechanism. It uses a specific hole pattern on the PCB. The brass springs provide a precise and consistent pressure (load) on the electronic component to ensure optimal contact.
* **Thermal Interface Material (TIM):** The **T766** phase-change material is pre-applied to the base. This fills the microscopic air gaps between the chip surface and the heat sink base, significantly reducing thermal resistance.
* **Blue Anodized Coating:** Not only provides aesthetic value but also offers corrosion resistance and slightly improves emissivity.
---
### 3. Thermal Performance Metrics
The efficiency of this part is measured by how well it lowers the temperature per watt of power generated.
| Air Velocity (LFM) | Velocity (m/s) | Thermal Resistance (°C/W) |
| :--- | :--- | :--- |
| 200 | 1.0 | 2.45 |
| 300 | 1.5 | 1.92 |
| 400 | 2.0 | 1.65 |
| 500 | 2.5 | 1.48 |
| 600 | 3.0 | 1.35 |
---
### 4. Part Number Breakdown
Understanding the nomenclature helps in identifying variants:
* **ATS:** Advanced Thermal Solutions (Manufacturer).
* **19B:** Series/Family designator.
* **57:** Specific physical dimensions and fin profile.
* **C2:** Material/Finish code (Blue Anodized).
* **R0:** Revision or packaging code.
- ⤷
What are the PCB hole requirements for the pushPIN attachment system?
- ⤷ Can this heat sink be used with a custom thermal paste instead of the pre-applied T766?
- ⤷ How does the flared fin design compare to standard straight fin heat sinks in terms of pressure drop?