ATS-19B-59-C2-R0
AI

### Product Overview: ATS-19B-59-C2-R0
The **ATS-19B-59-C2-R0** is a high-performance **heat sink** manufactured by **Advanced Thermal Solutions (ATS)**. It is part of the "pushPIN™" series, designed specifically for thermal management in electronic circuits where space is constrained but high thermal conductivity is required.
---
### 1. Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Series** | pushPIN™ |
| **Attachment Method** | Push-Pin (Plastic or Brass) |
| **Thermal Resistance (Flow)** | 16.58 °C/W @ 100 LFM |
| **Thermal Resistance (Static)** | 2.59 °C/W @ 700 LFM |
| **Base Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Thermal Interface Material (TIM)** | T766 (Pre-applied) |
---
### 2. Mechanical Dimensions
Precise physical dimensions are critical for PCB layout and component clearance.
| Dimension | Value (mm) |
| :--- | :--- |
| **Width (A)** | 40.00 mm |
| **Length (B)** | 40.00 mm |
| **Height (C)** | 20.00 mm |
| **Pitch (E)** | 45.00 mm |
| **Pitch (F)** | 45.00 mm |
---
### 3. Key Electronic/Thermal Features
* **Fin Design:** It utilizes a **Straight Fin** pattern. This is ideal for high-velocity airflow environments where air moves in a specific direction across the PCB.
* **Thermal Interface Material (TIM):** It comes with **T766** pre-applied. This is a high-performance phase-change material that ensures there are no air gaps between the heat-generating component (CPU/GPU/FPGA) and the aluminum base.
* **Attachment System:** The push-pin mechanism uses a compression spring. This provides a precise "Calculated Force" to the component, ensuring the heat sink is held firmly without cracking the delicate silicon die of the chip.
* **Material Efficiency:** The use of **6063 Aluminum** provides a balance between lightweight construction and high thermal conductivity.
---
### 4. Typical Applications
This specific model is generally found in:
1. **Network Switches/Routers:** Cooling high-speed processors.
2. **Embedded Systems:** Industrial PCs where vertical clearance is limited to 20mm.
3. **Power Electronics:** Cooling MOSFETs or power regulators in concentrated layouts.
- ⤷
What are the different push-pin material options for this series?
- ⤷ How does the T766 TIM compare to standard thermal grease?
- ⤷ Is there a cross-cut version of this heat sink for omnidirectional airflow?