ATS-19B-76-C3-R0
AI

The **ATS-19B-76-C3-R0** is a specific electronic component belonging to the thermal management category. It is a high-performance **heat sink** manufactured by Advanced Thermal Solutions (ATS) as part of their "pushPIN™" line.
---
## 1. Technical Specifications
The following table highlights the core physical and thermal characteristics of this component:
| Feature | Specification |
| :--- | :--- |
| **Product Type** | Heat Sink (Push-Pin) |
| **Material** | Aluminum (AL6063) |
| **Finish** | Blue Anodized |
| **Dimensions** | 25mm x 25mm |
| **Height** | 10mm |
| **Pitch** | Fine Pitch |
| **Attachment Method** | Push-Pin (Brass) |
| **Thermal Resistance** | 11.84 °C/W (at 100 LFM) |
---
## 2. Key Component Features
### Thermal Design
* **Straight Fin Pattern:** Designed for high-performance cooling in environments with consistent airflow.
* **Material Efficiency:** Made from extruded aluminum (6063), which provides a high thermal conductivity-to-weight ratio.
### Mechanical Attachment (pushPIN™)
* **Spring-Loaded Mechanism:** Uses a brass push-pin with a stainless steel spring to provide precise pressure on the electronic component (CPU, GPU, or MOSFET).
* **Ease of Assembly:** Features pre-drilled holes for a secure, tool-free installation into the PCB.
### Interface Material
* **Thermal Interface Material (TIM):** These parts typically come with a pre-applied high-performance thermal pad (usually T766) to ensure maximum heat transfer between the component and the sink.
---
## 3. Part Number Breakdown
The part number **ATS-19B-76-C3-R0** can be decoded as follows:
1. **ATS**: Manufacturer (Advanced Thermal Solutions).
2. **19**: Series/Series identifier.
3. **B**: Attachment type (Push-pin).
4. **76**: Specific dimensions/fin configuration.
5. **C3**: Thermal Interface Material (TIM) code.
6. **R0**: RoHS Compliance status and revision.
---
## 4. Typical Applications
This component is used to prevent thermal throttling or hardware failure in:
* **Telecommunications:** Network switches and routers.
* **Computing:** Miniature PC builds or embedded systems.
* **Power Electronics:** Voltage regulators and high-speed memory modules.
- ⤷
What is the significance of the blue anodized finish on this heat sink?
- ⤷ How do I calculate the airflow (LFM) required for this specific thermal resistance?
- ⤷ Are there alternative attachment methods for the ATS-19B series if push-pins cannot be used?