ATS-19B-77-C2-R0
AI

The **ATS-19B-77-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It is part of the "push pin" series designed for cooling processors and other surface-mount components.
---
### 1. Technical Specifications
Below are the primary technical parameters for this specific part:
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Part Number** | ATS-19B-77-C2-R0 |
| **Material** | Aluminum |
| **Fin Type** | Straight Fin |
| **Attachment Method** | Push-Pin (Plastic) |
| **Thermal Resistance** | 9.30°C/W (at 100 LFM) |
| **Dimensions (L x W x H)** | 25mm x 25mm x 20mm |
| **Thermal Interface Material (TIM)** | T766 (High Performance Phase Change) |
| **Finish** | Blue Anodized |
---
### 2. Breakdown of the Component Parts
#### A. The Heat Sink Body
The main body is made of **Aluminum 6063**, which offers high thermal conductivity. The "Straight Fin" design is optimized for high-density airflow. The **Blue Anodized** finish is not just for aesthetics; it provides surface protection and slightly improves radiation heat transfer.
#### B. The Attachment Mechanism (Push-Pin)
This model utilizes a **Push-Pin** system with a compression spring.
* **Plastic Push-Pins:** These provide a secure, standardized attachment to the PCB.
* **Springs:** Ensure constant, high pressure between the heat sink and the component, which is critical for minimizing thermal contact resistance.
#### C. Thermal Interface Material (TIM)
The code **"C2"** in the part number indicates the presence of a pre-applied **T766 thermal pad**. This is a phase-change material that melts at operating temperatures to fill microscopic air gaps between the heat sink and the chip.
---
### 3. Part Number Decoder
Understanding the "Electronic DNA" of this part:
| Segment | Meaning |
| :--- | :--- |
| **ATS-19B** | Series identifier (standard push-pin attachment) |
| **77** | Size and Fin configuration code |
| **C2** | Thermal Interface Material type (T766) |
| **R0** | Standard RoHS compliant revision |
---
### 4. Implementation Considerations
* **PCB Hole Pattern:** This part requires pre-drilled holes in the PCB to accommodate the push-pins.
* **Airflow:** Being a straight-fin design, it is most effective in systems with a defined linear airflow path (forced convection).
* **Clearance:** Ensure the 20mm height does not interfere with neighboring components or the device chassis.
- ⤷
How does the thermal resistance of this part change with different airflow speeds (LFM)?
- ⤷ What is the specific PCB hole diameter required for the ATS push-pin system?
- ⤷ Can the T766 thermal interface material be reused if the heat sink is removed?