ATS-19B-97-C2-R0
AI

The **ATS-19B-97-C2-R0** is a specific part number for a high-performance **heat sink** manufactured by Advanced Thermal Solutions (ATS). It is designed to dissipate heat from electronic components like BGA (Ball Grid Array) chips, CPUs, or GPUs.
---
## 1. Technical Specifications
| Parameter | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Part Series** | pushPIN™ Heat Sink |
| **Material** | Aluminum (Body), Copper (Optional Base) |
| **Attachment Method** | Push-Pin (Plastic or Brass) |
| **Fin Style** | Straight Fin |
| **Thermal Resistance** | Approx. 20.30 °C/W (Unducted Flow) |
| **Thermal Interface Material (TIM)** | T766 (High Performance) |
| **Dimensions (L x W x H)** | 45.00mm x 45.00mm x 10.00mm |
---
## 2. Component Breakdown
### A. Material and Design
The unit is constructed from high-grade aluminum. It utilizes a **straight-fin** design which is optimized for airflow directed across the board. The low-profile height (10mm) makes it suitable for compact electronic enclosures where vertical space is limited.
### B. The Push-Pin Mechanism
Unlike adhesive-based heat sinks, the "pushPIN™" system provides a mechanical connection to the PCB:
* **Spring-loaded:** Ensures constant pressure between the heat sink and the chip.
* **Reliability:** Prevents the heat sink from shifting during vibration or shipping.
* **Hole Pattern:** Requires pre-drilled holes in the PCB for installation.
### C. Thermal Interface Material (TIM)
The part comes pre-applied with **T766**. This is a phase-change material or high-performance thermal grease that fills the microscopic air gaps between the component surface and the heat sink base to maximize heat transfer.
---
## 3. Part Number Decoding (ATS-19B-97-C2-R0)
| Segment | Meaning |
| :--- | :--- |
| **ATS-19** | Series identification (pushPIN™ Heat Sink) |
| **B** | Standard aluminum construction |
| **97** | Specific dimension/fin configuration code |
| **C2** | Thermal Interface Material (T766) and color |
| **R0** | RoHS compliance and revision status |
---
### Use Cases
* **Networking Hardware:** Routers, switches, and modems.
* **Industrial PCs:** Compact motherboards requiring active or passive cooling.
* **Power Supplies:** Cooling voltage regulators or power transistors.
- ⤷What are the PCB hole size requirements for the push-pin installation?
- ⤷ How does the T766 thermal material compare to standard thermal paste?
- ⤷ Is there a version of this heat sink with a higher fin profile for better cooling?