ATS-19D-101-C3-R0
AI

The **ATS-19D-101-C3-R0** is a high-performance electronic thermal management component, specifically an **Advanced Thermal Solutions (ATS) push-pin heat sink**. These parts are critical in preventing integrated circuits (ICs) and CPUs from overheating.
---
### 1. Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions Inc. |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Attachment Method** | Push-Pin (Plastic) |
| **Thermal Resistance** | 6.77°C/W @ 100 LFM |
| **Dimensions (L x W x H)** | 45mm x 45mm x 30mm |
| **Fin Style** | Straight Fin |
---
### 2. Breakdown of Electronic Functions
#### A. Thermal Dissipation (The Core Function)
This part acts as a passive heat exchanger. It increases the surface area of a hot electronic component (like a microprocessor or FPGA), allowing the surrounding air to carry away heat more efficiently. The **30mm height** provides a large volume for heat vertical dispersion.
#### B. Blue Anodized Finish
The blue anodization is not just for aesthetics. It provides:
1. **Corrosion Resistance:** Protects the aluminum from oxidation.
2. **Electrical Insulation:** Provides a thin non-conductive layer on the surface.
3. **Enhanced Emissivity:** Improves the radiant heat transfer compared to raw aluminum.
#### C. Push-Pin Mounting System
The "19D" and "R0" designations refer to the specific mounting hardware.
- It uses a **plastic push-pin** and **compression spring** mechanism.
- This ensures constant pressure (clamping force) between the heat sink and the chip, which is vital for maintaining a consistent thermal interface.
---
### 3. Usage in Electronic Assemblies
To function correctly within a circuit, this part requires:
1. **TIM (Thermal Interface Material):** Usually pre-applied as a "T766" phase-change material or thermal grease to fill microscopic air gaps between the chip and the aluminum base.
2. **PCB Hole Pattern:** The motherboard/PCB must have specific drilled holes to accommodate the push-pins.
3. **Airflow:** Designed for "cross-cut" or "straight" airflow environments, typically used alongside a system cooling fan.
---
- ⤷
What is the difference between push-pin and adhesive mounting for heat sinks?
- ⤷ How do I calculate if the 6.77°C/W thermal resistance is sufficient for my chip?
- ⤷ Are there different spring tensions available for the ATS push-pin series?