ATS-19D-40-C2-R0
AI

The **ATS-19D-40-C2-R0** is a specific part number for a high-performance **Heatsink** manufactured by **Advanced Thermal Solutions (ATS)**. It belongs to the *maxiFLOW™* series, designed for cooling electronic components like CPUs, GPUs, and other high-heat integrated circuits.
---
### 1. Technical Specifications
The following table outlines the physical and thermal properties of this component:
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Material** | Aluminum (Black Anodized) |
| **Attachment Method** | pushPIN™ (Spring-loaded pins) |
| **Thermal Resistance** | 14.56°C/W (Unducted Flow @ 200 LFM) |
| **Dimensions (L x W x H)** | 57.22mm x 57.22mm x 15mm |
| **Fin Style** | Straight |
| **TIM (Thermal Interface Material)** | T766 (Pre-applied) |
---
### 2. Component Breakdown
The part number can be decoded to understand its specific configuration:
* **ATS**: Manufacturer prefix (Advanced Thermal Solutions).
* **19**: Series identifier (typically related to the footprint/base size).
* **D**: Fin profile/density variation.
* **40**: Base dimension (approximate size reference).
* **C2**: Refers to the thermal interface material and specific performance grade (C2 typically uses T766 phase change material).
* **R0**: Revision or finish code (standard black anodized).
---
### 3. Key Electronic Functions
While the heatsink itself is a passive mechanical part, its role in an electronic system is critical:
1. **Heat Dissipation:** It increases the surface area of the heat-generating component, allowing air to carry away heat more efficiently via convection.
2. **Thermal Protection:** It prevents **Thermal Throttling** or permanent damage to semiconductors by maintaining the junction temperature below the maximum limit.
3. **Mechanical Stability:** The **pushPIN™** attachment system uses a precise spring-loaded mechanism to ensure consistent pressure across the surface of the chip, which is vital for effective heat transfer.
---
### 4. Application Environments
This part is commonly found in:
* **Telecommunications:** Cooling networking chips in switches and routers.
* **Embedded Systems:** Industrial PCs and automation controllers.
* **Power Supplies:** Managing heat for high-power transistors.
- ⤷
What are the benefits of the pushPIN™ attachment system over standard adhesive thermal tape?
- ⤷ How does the T766 thermal interface material compare to standard thermal grease?
- ⤷ Is there a version of this heatsink with a higher profile for better airflow in larger chassis?