Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • ATS-19D-63-C2-R0

  • AI
    The **ATS-19D-63-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by *Advanced Thermal Solutions (ATS)*. It is designed to dissipate heat from electronic components like CPUs, GPUs, or power transistors to prevent thermal throttling or hardware failure. ### 1. Technical Specifications The following table outlines the key physical and thermal properties of this specific part: | Feature | Specification | | :--- | :--- | | **Part Number** | ATS-19D-63-C2-R0 | | **Heat Sink Type** | Push-Pin (Passive Cooling) | | **Material** | Aluminum (Blue Anodized) | | **Dimensions (L x W x H)** | 40mm x 40mm x 20mm | | **Fin Style** | Straight Fin | | **Thermal Resistance** | 2.85°C/W (@ 200 LFM) | | **Attachment Method** | Push-Pin with Brass Springs | | **Interface Material** | T766 Phase Change Material (Pre-applied) | --- ### 2. Electronic Component Breakdown #### A. The Heat Sink Body The body is made of **Aluminum 6063**, which is the industry standard for heat sinks due to its high thermal conductivity and lightweight properties. The **Blue Anodized finish** is not just for aesthetics; it provides corrosion resistance and increases surface emissivity, which slightly improves radiative heat transfer. #### B. Attachment Mechanism: Push-Pins Unlike adhesive-based heat sinks, the "19D" series uses a **Push-Pin** system. - **Reliability:** It ensures a constant, even pressure (preload) against the electronic component. - **Maintenance:** It allows for the heat sink to be removed and reattached easily without damaging the PCB. #### C. Thermal Interface Material (TIM) This part comes pre-applied with **T766 Phase Change Material**. - **Function:** When the electronic component heats up, the T766 softens and fills the microscopic air gaps between the chip surface and the heat sink base. - **Benefit:** This significantly reduces contact thermal resistance, ensuring heat moves efficiently out of the silicon. --- ### 3. Ideal Use Cases The ATS-19D-63-C2-R0 is typically used in the following electronic environments: 1. **Telecommunications:** Cooling of high-speed ASICs in routers and switches. 2. **Embedded Systems:** Industrial PCs where fan-based cooling is restricted due to dust or space. 3. **Power Electronics:** Dissipating heat from MOSFET arrays or voltage regulators. ---
    ✨ Follow-up Questions
    • ⤷What are the PCB hole diameter requirements for the push-pin mounting of this heat sink?
    • ⤷ How does the 'C2' designation in the part number affect its thermal performance?
    • ⤷ Can this heat sink be used with a cooling fan for active thermal management?