AI

The **ATS-19D-87-C2-R0** is a high-performance thermal management component, specifically a **Heat Sink**, manufactured by Advanced Thermal Solutions (ATS). It is designed to dissipate heat from electronic components like CPUs, GPUs, or power transistors to ensure their operational stability.
---
### 1. Technical Specifications
The part number follows a specific nomenclature used by ATS to describe its physical and thermal characteristics.
| Parameter | Specification | Details |
| :--- | :--- | :--- |
| **Type** | pushPIN™ Heat Sink | Features a spring-loaded attachment system |
| **Material** | Aluminum | Lightweight with high thermal conductivity |
| **Finish** | Blue Anodized | Increases surface emissivity and provides corrosion resistance |
| **Dimensions** | 35mm x 35mm x 20mm | (L x W x H) |
| **Fin Pattern** | Straight | Designed for consistent airflow |
| **Attachment** | Push-Pin | Secure mechanical mounting without adhesives |
| **Thermal Interface** | T766 | Pre-applied thermal interface material (TIM) |
---
### 2. Physical Design Elements
#### A. The Fin Profile
The "87" in the series typically refers to a specific fin density. This model uses a **straight-fin** design, which is optimized for systems where there is a clear, directional airflow (forced convection).
#### B. The Push-Pin Mechanism
Unlike adhesive-based heat sinks, the **ATS-19D-87-C2-R0** uses a "push-pin" system. This consists of:
* **Plastic/Brass Pins:** Inserted through pre-drilled holes in the PCB.
* **Compression Springs:** Provide constant pressure (load) on the component, ensuring the thermal interface material fills all microscopic gaps.
#### C. Thermal Interface Material (T766)
The bottom of the heat sink comes pre-applied with **T766**, a high-performance phase-change material. This eliminates the need for manual thermal paste application and ensures a low thermal resistance path from the chip to the aluminum fins.
---
### 3. Thermal Performance
Thermal resistance is measured in °C/W (Degrees Celsius per Watt). For this specific model:
* **Unducted Flow:** Higher resistance; relies on ambient air movement.
* **Ducted Flow:** Lower resistance; performs significantly better when air is channeled directly through the fins.
* **Thermal Resistance (at 100 LFM):** Typically around **4.67 °C/W** (varies based on specific airflow conditions).
---
### 4. Applications
This part is commonly found in:
* **Networking Hardware:** Routers, switches, and base stations.
* **Industrial PCs:** Compact systems requiring robust mechanical mounting.
* **Power Supplies:** Cooling voltage regulators and MOSFETs.
---
- ⤷
What are the advantages of push-pin mounting over adhesive tapes for heat sinks?
- ⤷ How does 'Blue Anodized' finishing affect the thermal performance?
- ⤷ How do I calculate if the 4.67 °C/W resistance is sufficient for my specific processor?