ATS-19E-01-C2-R0
AI

The **ATS-19E-01-C2-R0** is a high-performance electronic thermal management component, specifically an **Advanced Thermal Solutions (ATS) push-pin heat sink**. It is designed to dissipate heat from electronic integrated circuits (ICs) like CPUs, GPUs, or FPGAs.
---
### 1. Technical Specifications
The following table breaks down the core physical and thermal properties of this specific part number:
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions Inc. |
| **Base Part Number** | ATS-19E-01-C2-R0 |
| **Heat Sink Type** | Push-pin Heat Sink |
| **Material** | Aluminum (AL6063) |
| **Finish** | Blue Anodized |
| **Dimensions** | 40mm x 40mm x 6mm |
| **Attachment Method** | Push-Pin (Brass) |
| **Thermal Interface Material (TIM)** | T766 (High Performance) |
| **Number of Fins** | Fine Pitch (Rectangular) |
---
### 2. Component Breakdown
#### A. The Heat Sink Body
The body is made of **Aluminum 6063**, which offers a balance between thermal conductivity and structural integrity. The **Blue Anodized** finish is not just for aesthetics; it provides surface protection against corrosion and increases emissivity for better radiative heat transfer.
#### B. The Attachment System (Push-Pins)
The "R0" designation refers to the specific attachment kit.
* **Mechanism:** It uses a spring-loaded push-pin system.
* **Reliability:** Unlike adhesive tapes, push-pins provide a consistent downward pressure (clamping force), which ensures a more stable thermal connection over the life of the product.
* **Springs:** The springs are designed to maintain a specific "Pre-load" to prevent the heat sink from shifting during vibration or shock.
#### C. Thermal Interface Material (TIM)
The unit comes pre-applied with **T766**. This is a phase-change or high-conductivity material that fills the microscopic air gaps between the electronic chip and the bottom of the heat sink, significantly reducing thermal resistance.
---
### 3. Thermal Performance Profile
The effectiveness of the ATS-19E-01-C2-R0 depends heavily on the airflow (LFM - Linear Feet per Minute) within the electronic enclosure:
* **Unducted Flow:** At low airflow (200 LFM), the thermal resistance is roughly **21.90 °C/W**.
* **Ducted Flow:** Performance improves significantly as airflow increases, dropping to approximately **12.00 °C/W** at 600 LFM.
---
### 4. Integration Logic (CAD/PCB Design)
When integrating this part into a PCB design, engineers must account for the hole pattern required for the push-pins:
```text
Hole Diameter: 3.175mm (approx)
Hole Spacing: Matches the diagonal/square layout of the heat sink base
Keep-out Zone: Ensure no surface-mount components (SMD) are placed under the pin-flanges.
```
- ⤷
What is the difference between blue anodized and black anodized finishes for heat sinks?
- ⤷ How do I calculate if the 21.90 °C/W thermal resistance is sufficient for my chip?
- ⤷ Are there alternative attachment methods if my PCB does not have mounting holes?