ATS-19F-08-C3-R0
AI

The **ATS-19F-08-C3-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by *Advanced Thermal Solutions (ATS)*. It belongs to the **maxiFLOW™** series, designed to dissipate heat from electronic components like CPUs, GPUs, or FPGAs.
---
### 1. Technical Specifications
The following table summarizes the key physical and thermal characteristics of the part:
| Feature | Specification |
| :--- | :--- |
| **Component Type** | Heat Sink (Passive Cooling) |
| **Attachment Method** | pushPIN™ (Spring-loaded pins) |
| **Material** | Aluminum (Black Anodized) |
| **Dimensions (L x W)** | 45mm x 45mm |
| **Height** | 25mm |
| **Thermal Resistance** | 1.50°C/W (at 200 LFM) |
| **Fin Style** | maxiFLOW (Tapered Fin Design) |
| **Interface Material** | T412 (High Performance Thermal Pad) |
---
### 2. Key Electronic Features
#### A. Thermal Performance
The "C3" in the part number indicates a specific thermal interface material (TIM). The pre-applied **T412 pad** ensures low thermal resistance between the semiconductor package and the aluminum base, maximizing heat transfer efficiency.
#### B. The pushPIN™ Attachment System
Unlike adhesive-based heat sinks, this model uses a mechanical **pushPIN™** system.
* **Reliability:** It provides consistent pressure (preload) for better thermal contact.
* **Safety:** Prevents the heat sink from shifting during vibration or shipping.
* **Installation:** Uses a brass component and a stainless steel spring for a secure fit into PCB holes.
#### C. Airflow Optimization (maxiFLOW™)
The fins are not standard straight bars; they feature a tapered design. This is electronically significant because it:
1. Reduces static pressure.
2. Increases the surface area for heat convection.
3. Allows for effective cooling even in environments with constrained airflow.
---
### 3. Applications
This part is typically found in the following electronic systems:
* **Telecommunications:** High-speed routers and switches.
* **Computing:** Embedded systems and industrial PC motherboards.
* **Power Electronics:** Cooling for large MOSFET arrays or power converters.
- ⤷
What are the PCB hole diameter requirements for the pushPIN attachment?
- ⤷ How does the T412 thermal interface material compare to standard thermal grease?
- ⤷ Can this heat sink be used with active cooling fans?