ATS-19F-110-C2-R1
AI

The **ATS-19F-110-C2-R1** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It is designed to dissipate heat from electronic integrated circuits (ICs) and other surface-mount components.
---
### 1. Technical Specifications
The part number itself contains a coded breakdown of its physical and thermal characteristics:
| Property | Value |
| :--- | :--- |
| **Component Type** | Push-Pin Heat Sink |
| **Material** | Aluminum (AL6063) |
| **Fin Type** | XCUT (Cross-cut / Pin Fin) |
| **Attachment Method** | Push-Pin with Springs |
| **Thermal Resistance** | ~4.40°C/W (at 200 LFM) |
| **Dimensions** | 54mm x 54mm x 25mm |
| **Thermal Interface Material (TIM)** | T766 (Pre-applied) |
---
### 2. Key Features and Electronic Roles
#### A. The XCUT Fin Design
Unlike straight-fin heat sinks, the XCUT design features gaps between fins that allow for **multi-directional airflow**. This is critical in crowded PCB environments where air might not be blowing in a single, predictable direction.
#### B. Push-Pin Attachment Mechanism
The "19F" series utilizes a mechanical push-pin system. This provides several advantages for electronic assembly:
* **Constant Pressure:** The springs ensure that the heat sink maintains a consistent downward force on the chip, optimizing the contact with the Thermal Interface Material (TIM).
* **Reliability:** Unlike adhesive tapes, mechanical pins are more resistant to vibration and high-temperature cycling.
* **Ease of Installation:** It allows for quick assembly in a production environment via pre-drilled holes in the PCB.
#### C. Thermal Interface Material (T766)
The "C2" suffix typically denotes that the part comes with **T766** phase-change material. In electronics, the microscopic air gaps between a chip and a heat sink act as insulators. The T766 material fills these gaps to ensure maximum heat transfer efficiency.
---
### 3. Application Examples
This specific heat sink is typically used for cooling high-power electronic components such as:
* **CPUs/GPUs:** Small form factor processors or embedded systems.
* **FPGAs:** Field Programmable Gate Arrays that generate significant heat during high-speed processing.
* **ASICs:** Application-specific integrated circuits used in networking or telecommunications.
- ⤷
What are the PCB hole diameter requirements for the ATS push-pin mounting system?
- ⤷ How does the thermal resistance of this heat sink change as airflow (LFM) increases?
- ⤷ What are the alternatives to T766 thermal interface material for this specific model?