ATS-19F-119-C2-R0
AI

The **ATS-19F-119-C2-R0** is a high-performance electronic component specifically categorized as a **Heat Sink**. It is manufactured by *Advanced Thermal Solutions (ATS)* and belongs to their "blue ice" or high-efficiency push-pin series.
---
## 1. Technical Specifications
The part is designed to provide thermal management for integrated circuits (ICs), such as CPUs, GPUs, or FPGAs.
| Feature | Specification |
| :--- | :--- |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Attachment Method** | Push-Pin (Plastic) |
| **Spring Type** | Compression Spring |
| **Thermal Resistance (Flowing Air)** | ~1.15° C/W @ 200 LFM |
| **Dimensions (L x W x H)** | 45.00mm x 45.00mm x 20.00mm |
---
## 2. Key Electronic & Physical Attributes
### A. Thermal Efficiency
This heat sink features a **straight fin** design. In electronics, the goal is to maximize surface area to dissipate heat away from the silicon die. The "C2" in the part number indicates a specific thermal interface material or configuration optimized for medium-to-high airflow environments.
### B. Push-Pin Attachment
Unlike adhesive tapes, the push-pin mechanism provides:
* **Constant Pressure:** The compression springs ensure a tight bond between the heat sink and the component, improving thermal conductivity.
* **Reliability:** It is less likely to detach due to vibration or high temperatures compared to some thermal adhesives.
### C. Material Properties
The use of **Aluminum** ensures a lightweight profile while maintaining high thermal conductivity. The **Blue Anodized** coating is not just for aesthetics; it provides corrosion resistance and increases surface emissivity.
---
## 3. Physical Dimensions (Summary)
The footprint of this part is crucial for PCB layout planning.
```text
Length: 45.0 mm
Width: 45.0 mm
Height: 20.0 mm (Low profile for rack-mount servers)
```
---
## 4. Typical Applications
* **Networking Gear:** Switches and routers where high-speed processors generate significant heat.
* **Industrial PCs:** Compact systems requiring ruggedized thermal solutions.
* **Power Supplies:** Dissipating heat from MOSFETs or voltage regulators.
- ⤷
What are the drill hole requirements for the push-pin mounting of this heat sink?
- ⤷ How does the C2 coating differ from other ATS thermal interface materials?
- ⤷ Is there a CAD file or 3D model available for PCB integration?