ATS-19F-126-C2-R0
AI

The **ATS-19F-126-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It belongs to the **maxiFLOW™** series, designed to dissipate heat from electronic components like CPUs, GPUs, and power modules.
---
## 1. Technical Specifications
Below are the primary technical parameters for this specific part number:
| Parameter | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Series** | maxiFLOW™ |
| **Material** | Aluminum (Blue Anodized) |
| **Attachment Method** | pushPIN™ |
| **Thermal Resistance** | 5.47°C/W (Unducted Flow @ 200 LFM) |
| **Dimensions (L x W x H)** | 54mm x 54mm x 15mm |
| **Base Shape** | Square |
| **Thermal Interface Material (TIM)** | T766 (Pre-applied) |
---
## 2. Key Features and Components
### A. pushPIN™ Attachment
Unlike traditional adhesive-based heat sinks, the "R0" suffix indicates the inclusion of the **pushPIN™** mounting system.
* **Hardware:** It uses a brass or plastic pin with a stainless steel spring.
* **Reliability:** Provides a precise, calculated pressure (C2) to ensure optimal contact with the electronic component.
### B. maxiFLOW™ Fin Design
The fin geometry is designed to maximize surface area while minimizing pressure drop. The spread-fin architecture allows for improved air intake and exhaust, which is crucial in high-density PCB environments.
### C. Blue Anodized Finish
The aluminum is treated with a blue anodized coating. This is not purely aesthetic; it provides:
* Increased corrosion resistance.
* Enhanced surface emissivity for better radiation heat transfer.
* Electrical insulation of the heat sink surface.
### D. Pre-applied TIM (Thermal Interface Material)
The unit comes with **T766** pre-applied to the base. This ensures that the microscopic air gaps between the heat sink and the chip are filled with a thermally conductive material, significantly reducing thermal resistance right out of the box.
---
## 3. Decoding the Part Number
The part number follows a specific nomenclature:
* **ATS:** Manufacturer (Advanced Thermal Solutions).
* **19F:** Series designation (maxiFLOW™).
* **126:** Specific size and fin configuration code.
* **C2:** Thermal performance/Spring tension category.
* **R0:** Revision/Packaging code (Standard pushPIN™ assembly).
---
## 4. Typical Applications
This component is generally used in:
* **Networking:** Switches and routers where airflow is managed but space is tight.
* **Telecommunications:** Base stations and signal processing units.
* **Embedded Computing:** Industrial PC processors that require robust physical mounting against vibration.
- ⤷
What is the difference between ducted and unducted thermal resistance for this part?
- ⤷ How does the pushPIN™ system compare to using thermal tape?
- ⤷ What is the maximum power dissipation (in Watts) this heat sink can handle?