ATS-19F-128-C2-R0
AI

## Technical Overview: ATS-19F-128-C2-R0
The **ATS-19F-128-C2-R0** is a high-performance **heat sink** manufactured by **Advanced Thermal Solutions (ATS)**. It is part of the "push pin" series designed for securing thermal management components directly to a Printed Circuit Board (PCB).
---
### 1. Key Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Product Category** | Passive Cooling / Heat Sink |
| **Material** | Aluminum (Blue Anodized) |
| **Attachment Method** | Push Pin (Plastic/Brass) |
| **Fin Style** | Straight Fin |
| **Thermal Resistance** | 2.91 °C/W (@ 100 LFM) |
| **Dimensions (L x W x H)** | 54.00mm x 54.00mm x 25.00mm |
| **Thermal Interface Material** | T766 (Pre-applied) |
---
### 2. Component Breakdown
#### A. The Heat Sink Body
The unit is constructed from high-grade aluminum. The **straight-fin design** is optimized for forced-air cooling environments. The blue anodized finish is not just aesthetic; it provides surface protection and slightly improves emissivity.
#### B. The Attachment Mechanism (Push Pin)
Unlike adhesive-based heat sinks, the "R0" designation typically implies a specific hardware configuration:
* **Push Pins:** These are spring-loaded pins that go through pre-drilled holes in the PCB.
* **Springs:** Provides consistent downward pressure (clamping force) on the high-power component (CPU, GPU, or FPGA), ensuring maximum thermal transfer.
#### C. Thermal Interface Material (TIM)
The part comes with **T766** pre-applied to the base. This eliminates the need for manual thermal paste application, ensuring a uniform layer that fills microscopic air gaps between the heat sink and the component.
---
### 3. Performance Metrics
Thermal performance varies based on the airflow (Linear Feet per Minute - LFM) within the system:
| Airflow Velocity (LFM) | Thermal Resistance (°C/W) |
| :--- | :--- |
| **100** | 2.91 |
| **200** | 1.76 |
| **300** | 1.35 |
| **400** | 1.14 |
---
### 4. Typical Applications
* **Processors (CPUs/GPUs):** Cooling mid-range integrated circuits.
* **FPGAs:** Cooling large programmable logic devices.
* **Telecommunications:** Cooling chips in routers and high-speed switches.
* **Industrial Power Supplies:** Dissipating heat from power transistors.
- ⤷
What are the PCB hole diameter requirements for the push-pin mounting on this model?
- ⤷ How does the T766 thermal interface material compare to standard thermal grease?
- ⤷ Can this heat sink be used in natural convection (no fan) environments?