ATS-19F-134-C2-R0
AI

The **ATS-19F-134-C2-R0** is a high-performance heat sink manufactured by **Advanced Thermal Solutions (ATS)**. It belongs to the **maxiFLOW™** series, which is designed to provide low thermal resistance and high reliability in air-cooled electronic systems.
---
## Technical Specifications
The following table details the physical and thermal properties of the component:
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Series** | maxiFLOW™ |
| **Material** | Aluminum (Blue Anodized) |
| **Attachment Method** | pushPIN™ |
| **Thermal Resistance** | 4.44°C/W (at 200 LFM) |
| **Dimensions (L x W x H)** | 30.00mm x 30.00mm x 15.00mm |
| **Pressure Drop** | 0.14 inH2O (at 200 LFM) |
| **Regulatory** | RoHS and REACH Compliant |
---
## Key Components and Design Features
### 1. The pushPIN™ Attachment System
Unlike standard adhesive tapes, this part uses the **pushPIN™** system. This consists of a high-tension spring and a pin that passes through pre-drilled holes in the PCB.
* **Benefits:** Ensures consistent pressure (clamping force) across the thermal interface material (TIM), preventing air gaps and improving heat transfer.
* **Spring Force:** Pre-calculated to prevent PCB warping while maintaining solid contact.
### 2. maxiFLOW™ Fin Geometry
The fins are not straight rectangles; they are designed with a specific taper and spacing to:
* Increase surface area without significantly increasing weight.
* Reduce the "Pressure Drop," allowing air from system fans to pass through more easily.
* Maximize air turbulence to strip heat away from the aluminum surface more efficiently.
### 3. Thermal Interface Material (TIM)
The part number suffix typically indicates the inclusion of a pre-applied thermal material.
* **C2:** Refers to the specific thermal performance grade (standard or high performance).
* **R0:** Indicates the RoHS compliance and revision status.
---
## Applications
This electronic part is typically found cooling mid-to-high power density components on PCBs, such as:
* **FPGAs & ASICs:** High-speed processing units.
* **Network Switches:** Where vertical space (15mm height) is limited.
* **Power Supplies:** Cooling voltage regulators or power transistors.
- ⤷
What are the different types of pushPIN materials available for this series?
- ⤷ How does the 'Blue Anodized' finish affect thermal performance compared to bare aluminum?
- ⤷ What is the recommended hole size for the pushPIN installation on a PCB?