ATS-19F-135-C2-R0
AI

The **ATS-19F-135-C2-R0** is a high-performance electronic thermal management component, specifically a **Pin Fin Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It is designed to dissipate heat from electronic components like CPUs, GPUs, FPGAs, and power modules.
---
### ## Technical Specifications
Below are the primary mechanical and thermal characteristics of this part:
| Parameter | Specification |
| :--- | :--- |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Attachment Method** | pushPIN™ |
| **Shape** | Square (Pin Fin) |
| **Dimensions** | 35mm x 35mm x 25mm |
| **Thermal Resistance** | 6.63°C/W (at 200 LFM) |
| **Spring Type** | Brass |
| **Thermal Interface Material (TIM)** | T766 (Pre-applied) |
---
### ## Key Electronic Features
#### 1. Pin Fin Design
Unlike traditional straight-fin heat sinks, the pin-fin geometry allows for **omnidirectional airflow**. This means the cooling efficiency remains high regardless of the direction the air enters the heat sink, making it ideal for densely packed electronic enclosures.
#### 2. pushPIN™ Attachment System
The "R0" at the end of the part number indicates the specific attachment mechanism. The **pushPIN™** system uses a flexible, tool-less spring-loaded mechanism that ensures:
* **Constant Pressure:** Maintains optimal contact between the heat sink and the electronic component.
* **Safety:** Prevents damage to the PCB by controlling the downward force.
#### 3. Thermal Interface Material (TIM)
The part comes pre-applied with **T766**, a high-performance phase-change material. This eliminates the need for manual thermal paste application and ensures a low thermal resistance interface between the component die and the aluminum base.
---
### ## Application Context
This part is commonly found in the following electronic sectors:
* **Telecommunications:** Networking switches and routers.
* **Industrial Power:** Motor drives and power supplies.
* **Computing:** High-speed data processing units where vertical space is limited to 25mm.
---
- ⤷
What is the significance of the 'C2' designation in the part number?
- ⤷ How does the thermal resistance change at higher airflows (e.g.
- ⤷ 500 LFM)?
- ⤷ What are the PCB hole requirements for the pushPIN attachment?