ATS-19F-141-C2-R0
AI

The **ATS-19F-141-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It is designed to dissipate heat from electronic integrated circuits (ICs) and other surface-mount components.
---
### 1. Technical Specifications
The following table outlines the physical and thermal properties of this specific part number:
| Attribute | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Series** | pushPIN™ HS |
| **Material** | Aluminum (AL6063) |
| **Attachment Method** | Push-Pin (Plastic/Brass) |
| **Dimensions** | 25mm x 25mm |
| **Height (Fin)** | 10mm |
| **Fin Style** | Straight Fin |
| **Thermal Resistance** | 15.76°C/W (at 100 LFM) |
| **Finish** | Blue Anodized |
| **TIM (Interface Material)** | T766 (High Performance Phase Change) |
---
### 2. Breakdown of the Part Number
Electronic parts often follow a nomenclature that describes their features. Here is the breakdown for **ATS-19F-141-C2-R0**:
* **ATS**: Prefix for Advanced Thermal Solutions.
* **19**: Refers to the specific series or product line.
* **F**: Likely indicates the attachment type or specific sub-category.
* **141**: Numerical code representing the physical size and fin configuration.
* **C2**: Indicates the finish (Blue Anodized) and the Thermal Interface Material (T766).
* **R0**: Version or Revision code.
---
### 3. Key Features and Applications
#### Features
* **pushPIN™ Attachment:** Uses a spring-loaded push-pin mechanism that provides high pressure and ensures a secure fit on the PCB.
* **Optimal Airflow:** The straight fin design is optimized for environments where there is a consistent directional airflow.
* **Pre-Applied TIM:** Comes with T766 thermal interface material, which fills microscopic air gaps between the component and the heat sink for better heat transfer.
#### Common Applications
* **Networking Equipment:** Routers, switches, and modems.
* **Industrial PCs:** Compact computing modules that generate significant heat in small enclosures.
* **Power Supplies:** Regulating heat for voltage converters and power modules.
* **Telecommunications:** Cooling of high-speed data processing chips.
---
- ⤷
How does the push-pin mounting system compare to adhesive tape mounting?
- ⤷ What is the difference between Blue Anodized and Black Anodized finishes in terms of thermal performance?
- ⤷ How do I calculate if the 15.76°C/W thermal resistance is sufficient for my specific IC?