ATS-19F-162-C2-R0
AI

The **ATS-19F-162-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It is designed to dissipate heat from electronic components like CPUs, GPUs, or power transistors to prevent thermal throttling or hardware failure.
---
### 1. Technical Specifications
Below are the primary physical and thermal characteristics of the component:
| Feature | Specification |
| :--- | :--- |
| **Product Series** | pushPIN™ |
| **Material** | Aluminum (Blue Anodized) |
| **Base Dimensions** | 45mm x 45mm |
| **Height** | 25mm |
| **Fin Style** | Straight Fin |
| **Attachment Method** | pushPIN™ (Spring-loaded) |
| **Thermal Resistance** | 3.62 °C/W (at 100 LFM) |
| **Weight** | 65.5 grams |
---
### 2. Key Electronic Components & Design
The "parts" of this assembly work together to ensure efficient heat transfer:
#### A. The Heat Sink Body (Aluminum)
* **Purpose:** Absorbs heat from the semiconductor device via conduction.
* **Design:** The vertical fins increase the surface area exposed to the air, allowing for better heat dissipation through convection.
#### B. pushPIN™ Attachment Mechanism
* **Spring-loaded Bolts:** These ensure consistent pressure (clamping force) across the electronic component. This is critical for minimizing the air gap between the chip and the heat sink.
* **Hardware:** It uses high-performance plastic or metal pins that snap into pre-drilled holes on the Printed Circuit Board (PCB).
#### C. Thermal Interface Material (TIM)
* **Type:** Pre-applied Thermal Tape or Grease.
* **Function:** This is the "bridge" between the electronic chip and the metal heat sink. It fills microscopic air gaps (which are insulators) to ensure maximum heat flow.
---
### 3. Application Use Cases
This specific part is typically found in the following electronic environments:
1. **Telecommunications:** Cooling for high-speed networking switches.
2. **Industrial PCs:** Maintaining stability in embedded systems.
3. **Power Supplies:** Dissipating heat from voltage regulators and power MOSFETs.
---
- ⤷
What are the different types of pushPIN attachment options for this heat sink?
- ⤷ How does the 'C2' designation in the part number affect the thermal performance?
- ⤷ Can this heat sink be used with a cooling fan for active thermal management?