ATS-19F-172-C2-R0
AI

The **ATS-19F-172-C2-R0** is a high-performance heat sink manufactured by Advanced Thermal Solutions (ATS). It is part of the **maxiFLOW™** series, designed specifically to provide high thermal performance in environments with constrained airflow.
---
### 1. Technical Specifications
The following table outlines the physical and thermal characteristics of this specific component:
| Characteristic | Specification |
| :--- | :--- |
| **Material** | Aluminum (Blue Anodized) |
| **Dimensions (L x W x H)** | 45.00mm x 45.00mm x 15.00mm |
| **Fin Style** | maxiFLOW (Tapered Fin) |
| **Attachment Method** | pushPIN™ |
| **Thermal Resistance** | 5.71 °C/W @ 1.0 m/s (unducted) |
| **Thermal Interface Material** | T766 (Pre-applied) |
---
### 2. Key Design Components
#### A. maxiFLOW™ Fin Geometry
Unlike standard straight-fin heat sinks, the maxiFLOW design features a **tapered fin** structure. This geometry increases the surface area while reducing pressure drop, allowing the component to dissipate more heat even when the cooling fan speed is low.
#### B. pushPIN™ Attachment
The part number suffix indicates the mounting hardware. The pushPIN™ system includes:
* **Brass or Plastic Pins:** To secure the sink to the PCB.
* **Compression Springs:** To provide precise, uniform pressure on the electronic component (CPU, GPU, or FPGA), ensuring optimal thermal contact.
#### C. Thermal Interface Material (TIM)
The "C2" in the part number indicates it comes with **T766 thermal grease** pre-applied to the base. This eliminates the need for manual application and ensures a consistent, thin layer between the heat source and the aluminum base.
---
### 3. Application Use Cases
This heat sink is typically found in the following electronic systems:
* **Network Switches & Routers:** High-speed data processing components.
* **Embedded Systems:** Industrial PCs where space is limited.
* **Power Supplies:** Cooling MOSFETs or voltage regulators.
* **Telecommunications:** Cooling RF components and optical modules.
---
- ⤷What is the difference between the C1 and C2 versions of this heat sink?
- ⤷ How do I calculate if the 5.71 °C/W thermal resistance is sufficient for my chip?
- ⤷ What are the PCB hole diameter requirements for the pushPIN attachment?