ATS-19F-173-C2-R0
AI

The **ATS-19F-173-C2-R0** is a high-performance electronic thermal management component, specifically a **heat sink** designed for cooling integrated circuits (ICs) and other electronic components. It belongs to the **maxiFLOW™** series manufactured by Advanced Thermal Solutions (ATS).
---
### 1. Technical Specifications
Below is a detailed breakdown of the physical and thermal characteristics of this specific part number:
| Specification | Value / Detail |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions, Inc. (ATS) |
| **Product Series** | maxiFLOW™ |
| **Dimensions (L x W)** | 41.00 mm x 45.00 mm |
| **Height (H)** | 9.00 mm |
| **Material** | Aluminum (typically anodized) |
| **Attachment Method** | pushPIN™ (Spring-loaded pins) |
| **Thermal Resistance** | ~4.72°C/W (at 200 LFM) |
| **Fin Style** | Tapered Fin Design (High spread) |
---
### 2. Design and Engineering Features
#### **A. maxiFLOW™ Fin Geometry**
Unlike standard extruded heat sinks, the **maxiFLOW™** design features a "flared" or tapered fin geometry. This increases the surface area for heat dissipation while maintaining a low pressure drop. This is critical for systems with high-density components where airflow may be restricted.
#### **B. pushPIN™ Attachment System**
The suffix in the part number indicates the use of the **pushPIN™** assembly. This system includes:
* **Compression Springs:** Provides a specific, consistent pressure (preload) on the component to ensure optimal thermal interface contact.
* **Flexible Mounting:** Designed to fit pre-drilled holes in the PCB, reducing the risk of the heat sink shifting during mechanical shock or vibration.
#### **C. C2-R0 Suffix Meaning**
* **C2:** Refers to the thermal interface material (TIM) or the specific finish. In this case, it usually signifies a **Blue Anodized** finish and the inclusion of a high-performance thermal pad or grease.
* **R0:** Typically refers to the revision level or the standard packaging/compliance status (RoHS compliant).
---
### 3. Application Use Cases
This specific heat sink is typically used in the following environments:
1. **Telecommunications:** Cooling of high-speed processors in routers and switches.
2. **Embedded Computing:** Thermal management for SOCs (System on Chips) and FPGAs.
3. **Power Electronics:** Dissipating heat from MOSFETs or power modules.
---
### 4. Thermal Performance Comparison
*Thermal resistance measured in °C/W (Lower is better).*
| Airflow Velocity (LFM) | Thermal Resistance (°C/W) |
| :--- | :--- |
| 100 LFM (Unducted) | 5.50 |
| 200 LFM (Unducted) | 4.72 |
| 500 LFM (Unducted) | 3.60 |
- ⤷
What are the specific PCB hole patterns required for the pushPIN™ attachment?
- ⤷ How does the flared fin design compare to straight fin heat sinks in terms of airflow?
- ⤷ Can this heat sink be customized with different Thermal Interface Materials (TIM)?