ATS-19F-182-C1-R0
AI

The **ATS-19F-182-C1-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It is designed to dissipate heat from electronic components like CPUs, GPUs, or power transistors to prevent thermal throttling or hardware failure.
---
### 1. Technical Specifications
The following table highlights the core characteristics of this part:
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Series** | pushPIN™ |
| **Material** | Aluminum (AL6063) |
| **Attachment Type** | Push-Pin (Fine Pitch) |
| **Dimensions** | 40mm x 40mm x 15mm |
| **Thermal Resistance** | 7.48°C/W (Unducted Flow) |
| **Fin Style** | Fine-Pitch |
| **Finish** | Blue Anodized |
| **TIM (Thermal Interface Material)** | Pre-applied Phase Change Material (No TIM) |
---
### 2. Design Breakdown
The part number follows a specific nomenclature used by ATS to describe its physical and thermal properties:
* **ATS-19F**: Refers to the series and specific manufacturing batch.
* **182**: Defines the specific geometry and fin density.
* **C1**: Indicates the thermal performance category and material (Aluminum).
* **R0**: Refers to the revision and packaging standard.
#### Key Component Features:
* **Push-Pin Attachment:** This model uses a spring-loaded push-pin mechanism. This ensures consistent pressure on the component (like a processor), which optimizes heat transfer across the interface.
* **Fine-Pitch Fins:** The fins are spaced closely together to increase the surface area. This is ideal for systems with high-velocity airflow (forced convection).
* **Blue Anodized Coating:** The blue finish isn't just aesthetic; anodization increases the surface emissivity and protects the aluminum from corrosion.
---
### 3. Application Use Cases
This specific heat sink is typically found in:
1. **Telecommunications:** Cooling networking switches and routers.
2. **Embedded Systems:** Industrial PCs where space is limited but heat generation is high.
3. **Power Electronics:** Dissipating heat from MOSFETs or voltage regulators.
---
- ⤷
What is the difference between ducted and unducted thermal resistance for this part?
- ⤷ Does this heat sink include the springs and pins for mounting?
- ⤷ Can this heat sink be used with a custom thermal paste instead of the pre-applied material?