ATS-19F-191-C2-R0
AI

The **ATS-19F-191-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It is designed to dissipate heat from electronic components like CPUs, GPUs, or power transistors to ensure system stability.
---
### 1. Key Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Series** | pushPIN™ |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Attachment Method** | Push-Pin (Plastic or Brass) |
| **Thermal Resistance (Flowing)** | 2.90 °C/W @ 100 LFM |
| **Thermal Resistance (Static)** | 6.12 °C/W (Unducted) |
| **Dimensions** | 45mm x 45mm x 30mm |
---
### 2. Breakdown of the Component Parts
The assembly of this part consists of several distinct electronic and mechanical elements:
#### A. The Heat Sink Body (The Fin Array)
This is the main aluminum block. It uses a **fine-pitch fin design** to maximize surface area.
* **Thermal Conductivity:** High-grade aluminum efficiently pulls heat away from the PCB component.
* **Blue Anodized Coating:** This provides corrosion resistance and slightly improves radiative heat transfer.
#### B. The pushPIN™ Attachment System
Instead of using messy adhesives or complicated brackets, this part uses the ATS pushPIN™ mechanism.
* **Springs:** Provides consistent pressure (Contact Pressure) between the heat sink and the component to minimize air gaps.
* **Pins:** Designed to fit into pre-drilled 3.175mm holes on a PCB.
#### C. Thermal Interface Material (TIM)
The "C2" in the part number typically denotes that the heat sink comes with a **pre-applied Thermal Interface Material**.
* **Function:** It fills microscopic air gaps between the heat sink base and the electronic chip, significantly lowering thermal resistance.
---
### 3. Part Number Decoder
Understanding the nomenclature helps identify its specific electronic application:
| Segment | Meaning |
| :--- | :--- |
| **ATS-19** | Series/Style identifier |
| **F** | Fine-pitch fin pattern |
| **191** | Specific dimensional/design iteration |
| **C2** | Thermal Performance Class (typically T766 or similar TIM) |
| **R0** | RoHS Compliant (Lead-free) |
---
### 4. Typical Applications
* **Telecommunications:** Cooling for high-speed routers and switches.
* **Embedded Systems:** Industrial motherboards where vertical space allows for a 30mm height.
* **Power Electronics:** Dissipating heat from MOSFETs or voltage regulators.
- ⤷
What are the PCB hole requirements for mounting the pushPIN system?
- ⤷ How does the 'C2' thermal material compare to standard thermal grease?
- ⤷ Can this heat sink be used in natural convection environments without fans?