ATS-19F-202-C2-R0
AI

The **ATS-19F-202-C2-R0** is a high-performance electronic thermal management component, specifically an **Advanced Thermal Solutions (ATS) push-pin heat sink**. These parts are critical in cooling electronic components like CPUs, GPUs, and FPGAs.
---
### 1. Technical Specifications
The part number follows a specific nomenclature that defines its physical and thermal characteristics.
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions, Inc. (ATS) |
| **Product Type** | Heat Sink (Push-Pin) |
| **Heat Sink Type** | Straight Fin |
| **Material** | Aluminum (AL6063) |
| **Finish** | Blue Anodized |
| **Attachment Method** | Push-Pin (Brass) |
| **Interface Material** | T766 (Thermal Tape) |
---
### 2. Component Dimensions
Precise physical measurements are vital for PCB layout planning to ensure no interference with surrounding surface-mount devices (SMDs).
| Dimension | Value (mm) |
| :--- | :--- |
| **Base Length** | 54.00 mm |
| **Base Width** | 54.00 mm |
| **Height** | 15.00 mm |
| **Hole Spacing** | 47.00 mm |
---
### 3. Thermal Performance
Thermal resistance indicates how efficiently the heat sink moves heat away from the semiconductor.
* **Thermal Resistance (Unducted):** 14.83 °C/W @ 100 LFM (Linear Feet per Minute).
* **Thermal Resistance (High Flow):** 4.12 °C/W @ 400 LFM.
* **Pressure Drop:** The straight-fin design is optimized for low-pressure drop, allowing for efficient airflow even in densely packed enclosures.
---
### 4. Key Electronic Features
* **T766 Thermal Interface:** The unit comes pre-applied with a thermal phase-change material, which fills microscopic air gaps between the component and the heat sink to maximize heat transfer.
* **Push-Pin Attachment:** Features a flexible, spring-loaded mechanism that provides consistent pressure for thermal contact while allowing for thermal expansion/contraction.
* **Non-Conductive Finish:** The blue anodized coating provides corrosion resistance and modest electrical insulation (though it should not be relied upon as a primary dielectric).
---
### 5. Implementation Example
If you were documenting this part in a Bill of Materials (BOM) or a CAD library:
```yaml
Part_Number: ATS-19F-202-C2-R0
Category: Thermal Management
Mounting_Type: Through-hole (Pins)
Material_Composition:
- Body: Aluminum
- Pin: Brass
- Spring: Stainless Steel
Thermal_Interface: Pre-applied T766
```
- ⤷
What are the specific advantages of straight-fin vs. cross-cut fin heat sinks in this series?
- ⤷ How does the T766 thermal interface material compare to standard thermal paste?
- ⤷ What is the recommended PCB hole diameter for the push-pin mounting?