ATS-19F-206-C2-R0
AI

The **ATS-19F-206-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It is designed to dissipate heat from electronic components like CPUs, GPUs, or power transistors to prevent thermal throttling or hardware failure.
---
### 1. Technical Specifications
Below are the primary physical and thermal characteristics of this specific model:
| Parameter | Specification |
| :--- | :--- |
| **Series** | pushPIN™ |
| **Base Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Thermal Resistance** | 7.71°C/W (at 100 LFM) |
| **Dimensions (L x W x H)** | 54.00mm x 54.00mm x 20.00mm |
| **Attachment Method** | Push-Pin (Plastic/Brass) |
| **Interface Material** | T766 (Thermal Tape) |
---
### 2. Design Characteristics
The part number follows a specific nomenclature used by Advanced Thermal Solutions:
* **19F**: Refers to the specific fin pattern and series geometry.
* **206**: A code representing the dimensions and thermal performance characteristics.
* **C2**: Indicates the material and finish (typically aluminum with a blue anodized coating).
* **R0**: Refers to the revision and packaging (Standard RoHS compliant).
### 3. Key Electronic Components Features
* **High Aspect Ratio Fins:** The heat sink utilizes a "Fine Pitch" or "Cross-Cut" design to maximize surface area for air interaction while maintaining a compact footprint.
* **Push-Pin Mounting:** Unlike adhesive-only heat sinks, the "pushPIN™" system uses a flexible spring-loaded mechanism. This ensures consistent pressure across the component surface, which optimizes thermal transfer.
* **Pre-Applied TIM:** It comes with **T766 thermal interface material** pre-applied to the base, reducing assembly time and ensuring a reliable bond between the heat source and the sink.
* **Airflow Optimization:** The design is optimized for forced-air environments (using fans), though it can function in natural convection scenarios with significantly reduced efficiency.
### 4. Typical Applications
* **Embedded Systems:** Industrial PCs and controllers.
* **Telecommunications:** Networking switches and routers.
* **Power Electronics:** Voltage regulators and high-speed data converters.
---
- ⤷
What is the difference between the C1 and C2 finish codes in ATS heat sinks?
- ⤷ How do I calculate the required airflow (LFM) for this specific heat sink?
- ⤷ Can this heat sink be used with a custom clip instead of the provided push-pins?